Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # H8/3024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button H8/3024 Datasheet HTML 99Page - Renesas Technology Corp H8/3024 Datasheet HTML 100Page - Renesas Technology Corp H8/3024 Datasheet HTML 101Page - Renesas Technology Corp H8/3024 Datasheet HTML 102Page - Renesas Technology Corp H8/3024 Datasheet HTML 103Page - Renesas Technology Corp H8/3024 Datasheet HTML 104Page - Renesas Technology Corp H8/3024 Datasheet HTML 105Page - Renesas Technology Corp H8/3024 Datasheet HTML 106Page - Renesas Technology Corp H8/3024 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 841 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Sep 20, 2005 page 65 of 800
REJ09B0260-0200
3.6
Memory Map in Each Operating Mode
Figures 3.1 to 3.2 show memory maps of the H8/3024 Group. In the expanded modes, the address
space is divided into eight areas.
The initial bus mode differs between modes 1 and 2, and also between modes 3 and 4.
The address locations of the on-chip RAM and on-chip registers differ between the 64-kbyte mode
(mode 6), the 1-Mbyte modes (modes 1, 2, and 7), and the 16-Mbyte modes (modes 3, 4, and 5).
The address range specifiable by the CPU in the 8- and 16-bit absolute addressing modes (@aa:8
and @aa:16) also differs.
3.6.1
Comparison of H8/3024 Group Memory Maps
In the H8/3024 Group, the address maps vary according to the size of the on-chip ROM and RAM.
The internal I/O register space is the same in all models. Table 3.4 shows the various address maps
in mode 5.
Table 3.4
Address Maps in Mode 5
H8/3024F-ZTAT
H8/3026F-ZTAT
H8/3024 Mask
ROM Version
H8/3026 Mask
ROM Version
Size
128 kbytes
256 kbytes
128 kbytes
256 kbytes
On-chip
ROM
Address
area
H'000000 to
H'01FFFF
H'000000 to
H'03FFFF
H'000000 to
H'01FFFF
H'000000 to
H'03FFFF
Size
4 kbytes
8 kbytes
4 kbytes
8 kbytes
On-chip
RAM
Address
area
H'FFEF20 to
H'FFFF1F
H'FFDF20 to
H'FFFF1F
H'FFEF20 to
H'FFFF1F
H'FFDF20 to
H'FFFF1F
3.6.2
Reserved Areas
The H8/3024 Group memory map includes reserved areas to which access (reading or writing) is
prohibited. Normal operation cannot be guaranteed if the following reserved areas are accessed.
Reserved Area in Internal I/O Register Space: The H8/3024 Group internal I/O register space
includes a reserved area to which access is prohibited. For details see Appendix B, Internal I/O
Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com