Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3003 Datasheet(PDF) 709 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 709 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 705Page - Renesas Technology Corp H8/3003 Datasheet HTML 706Page - Renesas Technology Corp H8/3003 Datasheet HTML 707Page - Renesas Technology Corp H8/3003 Datasheet HTML 708Page - Renesas Technology Corp H8/3003 Datasheet HTML 709Page - Renesas Technology Corp H8/3003 Datasheet HTML 710Page - Renesas Technology Corp H8/3003 Datasheet HTML 711Page - Renesas Technology Corp H8/3003 Datasheet HTML 712Page - Renesas Technology Corp H8/3003 Datasheet HTML 713Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 709 / 715 page
background image
Appendix D Pin States
D.1 Port States in Each Mode
Table D-1 Port States
Hardware Software
Bus-
Program
Pin
Reset
Standby
Standby
Released
Execution
Name
Mode
State
Mode
Mode
Mode
Sleep Mode
ø
—
Clock output T
H
Clock output Clock output
A19 to A0
1 to 4
L
T
T
T
A19 to A0
D15 to D8
1 to 4
T
T
T
T
D15 to D0
AS, RD,
1 to 4
H
T
T
T
AS, RD,
HWR, LWR
HWR, LWR
P47 to P40
1 to 4
8-bit bus
T
T
keep
keep
I/O port
D7 to D0
16-bit bus
T
T
D7 to D0
P57 to P54
1, 2
T
T
keep
keep
I/O port
A23 to A20
3, 4
L
T
T
T
A23 to A20
P60
1 to 4
T
T
keep
keep
I/O port*1
WAIT
P61
1 to 4
T
T
(BRLE = 0) T
I/O port
keep
BREQ
(BRLE = 1)
T
P62
1 to 4
T
T
(BRLE = 0)
I/O port
keep
L
(BRLE = 0)
(BRLE = 1)
or
BACK
H
(BRLE = 1)
P77 to P70
1 to 4
T
T
T
T
Input port
Note: * Do not set the DDR bit to 1.
Legend
H:
High
L:
Low
T:
High-impedance state
keep: Input pins are in the high-impedance state; output pins maintain their previous state.
DDR: Data direction register bit
691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com