Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5702BECLQ Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5702BECLQ Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC5702BECLQ Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
41
3.1.1
Recommended Operating Conditions
Table 9. Recommended Operating Conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VDDA
1
SR Voltage on VDDA pin (ADC reference) with respect
to ground (VSS)
+3.0
+3.6
V
Relative to VDD VDD-0.1
VDD+0.1
VSSA
SR Voltage on VSSA (ADC reference) pin with respect
VSS
VSS-0.1
VSS+0.1
V
VDDPLL
CC Voltage on VDDPLL (1.2 V PLL supply) pin with
respect to ground (VSSPLL)
1.08
1.32
V
VSSPLL
SR Voltage on VSSMC (stepper motor supply ground)
pin with respect to VSS
VSS-0.1
VSS+0.1
V
VDDR
2
SR Voltage on VDDR pin (regulator supply) with respect
to ground (VSSR)
+3.0
+3.6
V
Relative to VDD VDD-0.1
VDD+0.1
VSSR
SR Voltage on VSSR (regulator ground) pin with
respect to VSS
VSS-0.1
VSS+0.1
V
VDD12
3,4
CC Voltage on VDD12 pin with respect to ground
(VSS12)
1.08
1.4
V
VSS12
CC Voltage on VSS12 pin with respect to VSS
VSS-0.1
VSS+0.1
V
VDD
5,6,7
SR Voltage on VDD pins (VDDE_A, VDDE_B,
VDDE_C, VDDE_E, VDDMA, VDDMB, VDDMC)
with respect to ground (VSS)
+3.0
+3.6
V
VSS
8
SR I/O supply ground
0
0
V
VDDE_A SR Voltage on VDDE_A (I/O supply) pin with respect to
ground (VSSE_A)
+3.0
+3.6
V
VDDE_B SR Voltage on VDDE_B (I/O supply) pin with respect to
ground (VSSE_B)
+3.0
+3.6
V
VDDE_C
9
SR Voltage on VDDE_C (I/O supply) pin with respect to
ground (VSSE_C)
+3.0
+3.6
V
VDDE_E SR Voltage on VDDE_E (I/O supply) pin with respect to
ground (VSSE_E)
+3.0
+3.6
V
VDDMA
SR Voltage on VDDMA (stepper motor supply) pin with
respect to ground (VSSMA)
+3.0
+3.6
V
VDDMB
SR Voltage on VDDMB (stepper motor supply) pin with
respect to ground (VSSMB)
+3.0
+3.6
V
VDDMC
SR Voltage on VDDMC (stepper motor supply) pin with
respect to ground (VSSMC)
+3.0
+3.6
V
VSSOSC SR Voltage on VSSOSC (oscillator ground) pin with
respect to VSS
00
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com