Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5702BECLQ Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5702BECLQ Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC5702BECLQ Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
70
Figure 17. Spectral Representation of Input Signal
Calling f0 the bandwidth of the source signal (and as a consequence the cut-off frequency of the anti-aliasing filter, fF),
according to the Nyquist theorem the conversion rate fC must be at least 2f0; it means that the constant time of the filter is greater
than or at least equal to twice the conversion period (TC). Again the conversion period TC is longer than the sampling time TS,
which is just a portion of it, even when fixed channel continuous conversion mode is selected (fastest conversion rate at a
specific channel): in conclusion it is evident that the time constant of the filter RFCF is definitively much higher than the
sampling time TS, so the charge level on CS cannot be modified by the analog signal source during the time in which the
sampling switch is closed.
The considerations above lead to impose new constraints on the external circuit, to reduce the accuracy error due to the voltage
drop on CS; from the two charge balance equations above, it is simple to derive Equation 12 between the ideal and real sampled
voltage on CS:
Eqn. 12
From this formula, in the worst case (when VA is maximum, that is for instance 5V), assuming to accept a maximum error of
half a count, a constraint is evident on CF value:
Eqn. 13
3.14.2
ADC Electrical Characteristics
f0
f
Analog Source Bandwidth (VA)
f0
f
Sampled Signal Spectrum (fC = conversion Rate)
fC
f
Anti-Aliasing Filter (fF = RC Filter pole)
fF
2 f0 ≤ fC (Nyquist)
fF = f0 (Anti-aliasing Filtering Condition)
TC ≤ 2 RFCF (Conversion Rate vs. Filter Pole)
Noise
VA
VA2
------------
CP1 CP2
+CF
+
CP1 CP2
+CF CS
++
--------------------------------------------------------
=
CF 2048 CS
•
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com