Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5702BECLQ Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5702BECLQ Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5702BECLQ Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
78
Figure 24. Nexus TCK Timing
Figure 25. Nexus TDI, TMS, TDO Timing
3.16.3
Interface to TFT LCD Panels
Figure 26 depicts the LCD interface timing for a generic active matrix color TFT panel. In this figure signals are shown with
positive polarity. The sequence of events for active matrix interface timing is:
•
DCU_CLK latches data into the panel on its positive edge (when positive polarity is selected). In active mode,
DCU_CLK runs continuously. This signal frequency could be from 5 to 66 MHz depending on the panel type.
TCK
8
9
9
TDO
10
11
TMS, TDI
12
TCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com