Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5702BECLQ Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5702BECLQ Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC5702BECLQ Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
42
VLCD
SR Voltage on VLCD (LCD supply) pin with respect to
VSS
0VDDE_A +0.3
V
TVDD
SR VDD slope to ensure correct power up
10
0.25
V/µs
TA
SR Ambient temperature under bias
-40
+105
°C
TJ
SR Junction temperature under bias
-40
+150
1 100 nF capacitance needs to be provided between V
DDA/VSSA pair.
2 200
μF capacitance must be connected between V
DDR and VSS12.
3 V
DD12 cannot be used to drive any external component.
4 Each V
DD12/VSS12 supply pair should have a 10 μF capacitor. Absolute combined maximum capacitance is 40 μF.
5 V
DD refers collectively to I/O voltage supplies, i.e., VDDE_A, VDDE_B, VDDE_C, VDDE_E, VDDMA, VDDMB and VDDMC.
6 100 nF capacitance needs to be provided between each V
DD/VSS pair
7 Full electrical specification cannot be guaranteed when voltage drops below 3.0V. In particular, ADC electrical
characteristics and I/O’s DC electrical specification may not be guaranteed.
When voltage drops below VLVDHVL device is reset.
8 V
SS refers collectively to I/O voltage supply grounds, i.e., VSSE_A, VSSE_B, VSSE_C, VSSE_E, VSSMA, VSSMB and
VSSMC) unless otherwise noted.
9 V
DDE_C should not be less than VDDA.
10 Guaranteed by device validation
Table 10. Recommended Operating Conditions (5.0 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VDDA
1
SR Voltage on VDDA pin (ADC reference) with respect
to ground (VSS)
+4.5
+5.5
V
Voltage drop2
+3.0
+5.5
Relative to VDD
VDD-0.1
VDD+0.1
VSSA
SR Voltage on VSSA (ADC reference) pin with respect
VSS
VSS-0.1
VSS+0.1
V
VDDPLL
CC Voltage on VDDPLL (1.2 V PLL supply) pin with
respect to ground (VSSPLL)
1.08
1.32
V
VSSPLL
SR Voltage on VSSMC (stepper motor supply ground)
pin with respect to VSS
VSS-0.1
VSS+0.1
V
VDDR
3
SR Voltage on VDDR pin (regulator supply) with
respect to ground (VSSR)
+4.5
+5.5
V
Voltage drop2
+3.0
+5.5
Relative to VDD
VDD-0.1
VDD+0.1
VSSR
SR Voltage on VSSR (regulator ground) pin with
respect to VSS
VSS-0.1
VSS+0.1
V
VDD12
4,5
CC Voltage on VDD12 pin with respect to ground
(VSS12)
1.08
1.4
V
Table 9. Recommended Operating Conditions (3.3 V) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com