Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5702BECLQ Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5702BECLQ Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC5702BECLQ Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
74
Figure 18. Pad Output Delay
3.16
AC Timing
3.16.1
IEEE 1149.1 Interface Timing
Table 35. JTAG Interface Timing1
1 These specifications apply to JTAG boundary scan only. JTAG timing specified at V
DD = 3.0 V to 5.5 V, TA = -40 to
105 °C, and CL = 50 pF with SRC = 0b11.
Num
Symbol
Characteristic
Min
Max
Unit
1tJCYC
CC2
TCK Cycle Time
100
—
ns
2tJDC
CC2
TCK Clock Pulse Width (Measured at VDD/2)
40
60
ns
3tTCKRISE
CC2
TCK Rise and Fall Times (40% – 70%)
—
3
ns
4tTMSS, tTDIS
CC2
TMS, TDI Data Setup Time
5
—
ns
5tTMSH, tTDIH
CC2
TMS, TDI Data Hold Time
25
—
ns
6tTDOV
CC2
TCK Low to TDO Data Valid
—
35
ns
7tTDOI
CC2
TCK Low to TDO Data Invalid
0
—
ns
8tTDOHZ
CC2
TCK Low to TDO High Impedance
—
30
ns
9tBSDV
CC2
TCK Falling Edge to Output Valid
—
35
ns
10
tBSDVZ
CC2
TCK Falling Edge to Output Valid out of High
Impedance
—50
ns
11
tBSDHZ
CC2
TCK Falling Edge to Output High Impedance
—
50
ns
12
tBSDST
CC2
Boundary Scan Input Valid to TCK Rising Edge
50
—
ns
13
tBSDHT
CC2
TCK Rising Edge to Boundary Scan Input Invalid
50
—
ns
VDD/2
VOH
VOL
Rising
Edge
Output
Delay
Falling
Edge
Output
Delay
Pad
Data Input
Pad
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com