Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5702BECLQ Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5702BECLQ Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC5702BECLQ Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
82
Figure 30. IRQ and NMI Timing
3.16.5
Enhanced Modular I/O Subsystem (eMIOS) Timing
3.16.6
FlexCAN Timing
The CAN functions are available as TX pins at normal IO pads and as RX pins at the always on domain. There is no filter for
the wakeup dominant pulse. Any high-to-low edge can cause wakeup if configured.
Table 39. IRQ and NMI Timing
Num
Symbol
Characteristic
Min.
Value
Max.
Value
Unit
1tIPWL
CC1
1 Parameter values guaranteed by design.
IRQ/NMI Pulse Width Low
200
—
ns
2tIPWH
CC1 IRQ/NMI Pulse Width High
200
—
ns
3tICYC
CC1 IRQ/NMI Edge to Edge Time2
2 Applies when IRQ/NMI pins are configured for rising edge or falling edge events, but not both.
400
—
ns
Table 40. eMIOS Timing1
1 eMIOS timing specified at f
SYS = 64 MHz, VDD12 = 1.14 V to 1.32 V, VDDE_x = 3.0 V to 5.5 V, TA = -40 to 105 °C,
and CL = 50 pF with SRC = 0b00
Num
Symbol
Characteristic
Min.
Value2
2 There is no limitation on the peripheral for setting the minimum pulse width, the actual width is restricted by the pad
delays. Refer to the pad specification section for the details.
Max.
Value
Unit
1tMIPW
CC3
3 Parameter values guaranteed by design.
eMIOS Input Pulse Width
4
—
tCYC
2tMOPW
CC3 eMIOS Output Pulse Width
1
—
tCYC
Table 41. FlexCAN Timing1
Num
Symbol
Characteristic
Min.
Value
Max.
Value
Unit
1tCANOV
CC2 CTNX Output Valid after CLKOUT Rising Edge (Output
Delay)
—
22.48
ns
2tCANSU
CC2 CNRX Input Valid to CLKOUT Rising Edge (Setup
Time)
—
12.46
ns
1,2
3
1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com