Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5702BECLQ Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5702BECLQ Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC5702BECLQ Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
51
3.6.3
I/O Output DC Characteristics
The following tables provide DC characteristics for bidirectional pads:
•
Table 18 provides weak pull figures. Both pull-up and pull-down resistances are supported.
•
Table 19 provides output driver characteristics for I/O pads when in SLOW configuration.
•
Table 20 provides output driver characteristics for I/O pads when in MEDIUM configuration.
•
Table 21 provides output driver characteristics for I/O pads when in FAST configuration.
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C.
2 All values need to be confirmed during device validation.
3 Parameter value guaranteed by design.
Table 18. I/O Pull-up/Pull-down DC Electrical Characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3V ± 10% / 5.0V ± 10%, TA = -40 to +105°C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
|IWPU| CC Weak pull-up current absolute value
10
—
µA
|IWPD| CC Weak pull-down current absolute value
10
—
Table 19. SLOW Configuration Output Buffer Electrical Characteristics
Symbol
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
VOH
CC Output high level
SLOW configuration
Push Pull, IOH = -2mA,
VDD = 5.0V ± 10%, ipp_hve = 0
(recommended)
0.8VDD
V
Push Pull, IOH = -2mA,
VDD = 5.0V ± 10%, ipp_hve = 1
3
0.8VDD
Push Pull, IOH = -1mA,
VDD = 3.3V ± 10%, ipp_hve = 1
(recommended)
VDD-0.
8
VOL
CC Output low level
SLOW configuration
Push Pull, IOL = 2mA,
VDD = 5.0V ± 10%, ipp_hve = 0
(recommended)
0.1VDD
V
Push Pull, IOL = 2mA,
VDD = 5.0V ± 10%, ipp_hve = 1
3
0.1VDD
Push Pull, IOL = 1mA,
VDD = 3.3V ± 10%, ipp_hve = 1
(recommended)
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com