Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5702BECLQ Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5702BECLQ Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC5702BECLQ Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
58
Table 24. Reset electrical characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3V ± 10% / 5.0V ± 10%, TA = -40 / +105
oC, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
VIH
SR Input High Level CMOS
Schmitt Trigger
0.65VDD
VDD+0.4
V
VIL
SR Input low Level CMOS
Schmitt Trigger
-0.4
0.35VDD
V
VHYS
CC3
3 Data based on characterization results, not tested in production
Input hysteresis CMOS
Schmitt Trigger
0.1VDD
V
VOL
CC4
4 Guaranteed by design simulation.
Output low level
Push Pull, IOL = 2mA,
VDD = 5.0V ± 10%, ipp_hve = 0
(recommended)
0.1VDD
V
Push Pull, IOL = 1mA,
VDD = 5.0V ± 10%, ipp_hve = 1
5
5 This is a transient configuration during power-up, up to the end of reset PHASE2 (refer to RGM module section of
the reference manual).
0.1VDD
Push Pull, IOL = 1mA,
VDD = 3.3V ± 10%, ipp_hve = 1
(recommended)
0.5
Ttr
CC4 Output transition time output
pin6
MEDIUM configuration
6 C
L calculation should include device and package capacitance (CPKG < 5pF).
CL = 25pF,
VDD = 5.0V ± 10%, ipp_hve = 0
10
ns
CL = 50pF,
VDD = 5.0V ± 10%, ipp_hve = 0
20
CL = 100pF,
VDD = 5.0V ± 10%, ipp_hve = 0
40
CL = 25pF,
VDD = 3.3V ± 10%, ipp_hve = 1
12
CL = 50pF,
VDD = 3.3V ± 10%, ipp_hve = 1
25
CL = 100pF,
VDD = 3.3V ± 10%, ipp_hve = 1
40
WFRST
SR RESET Input Filtered Pulse
-
40
ns
WNFRS
T
SR RESET Input Not Filtered
Pulse
1000
-
-
ns
|IWPU|CC
4 Weak pull-up current absolute
value
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com