Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5702BECLQ Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5702BECLQ Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC5702BECLQ Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
65
3.14
Analog to Digital Converter (ADC) Electrical Characteristics
The device provides a 10-bit Successive Approximation Register (SAR) Analog to Digital Converter.
Table 31. Flash Module Life
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
P/E
Number of program/erase cycles per block for
16 Kbyte blocks over the operating
temperature range (TJ)
—
100,000
—
cycles
P/E
Number of program/erase cycles per block for
32 Kbyte blocks over the operating
temperature range (TJ)
—
10,000
100,000
(TBD)
cycles
P/E
Number of program/erase cycles per block for
128 Kbyte blocks over the operating
temperature range (TJ)
—
1,000
100,000
(TBD)
cycles
Retention Minimum data retention at 85 °C average
ambient temperature1
1 Ambient temperature averaged over duration of application, not to exceed recommended product operating
temperature range.
Blocks with 0 - 1,000 P/E
cycles
20
—
years
Blocks with 10,000 P/E
cycles
10
—
years
Blocks with 100,000 P/E
cycles
1 - 5
(TBD)
—years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com