Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5702BECLQ Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC5702BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5702BECLQ Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC5702BECLQ Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5702BECLQ Datasheet HTML 98Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Ordering Information
Freescale Semiconductor
96
4
Ordering Information
Table 45 shows the orderable part numbers for the MPC5606S series.
Figure 46. Commercial product code structure
1 208 MAPBGA available only as development package for Nexus2+
Table 45. Orderable Part Number Summary
Part Number
Flash/SRAM
Package
Speed
(MHz)
MPC5602SEMLQ 256 KB/24 KB
144 LQFP
64
MPC5604SEMLQ 512 KB/48 KB
144 LQFP
64
MPC5604SEMLQ 512 KB/48 KB
144 LQFP
64
MPC5606SEMLQ
1 MB/48 KB1
1
Device also includes 160 KB of graphics SRAM.
144 LQFP
64
MPC5606SEMLU
1 MB/48 KB1
176 LQFP
64
Qualification Status
PowerPC Core
Automotive Platform
Core Version
Flash Size (core dependent)
Product
Optional fields
MPC
56
S
E
M
LL
Example code:
04
Temperature spec.
Package Code
Qualification Status
M = MC status
S = Auto qualified
P = PC status
Automotive Platform
56 = PPC in 90nm
57 = PPC in 65nm
Flash Size (z0 core)
2 = 256 KB
4 = 512 KB
6 = 1024 KB
Product
B = Body
C = Gateway
R = Tape & Reel (blank if Tray)
R
Temperature spec.
C = –40° C to 85°C
V = –40° C to 105°C
M = –40° C to 125°C
Package Code
LQ = 144 LQFP
LU = 176 LQFP
MG = 208 MAPBGA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com