Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA8 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
28
1.4
MPC5634M series architecture
1.4.1
Block diagram
Figure 1 shows a top-level block diagram of the MPC5634M series.
Figure 1. MPC5634M series block diagram
PLL
Nexus 2+
MMU
Nexus
SRAM
SIU
Calibration
Interface
eDMA
Reset Control
62 KB
Interrupt
External
IMUX
GPIO &
Engine
JTAG
Nexus
RAM
14 KB/3 KB
2x
ADCI
eTPU
Pad Control
JTAG Port
Nexus Port
Analog
Vstby
e200z335
Interrupt
Blocks & eDMA
SPE
16 Ch.
DSPIs
eMIOS
Controller
2x
CANs
32 Ch.+
AMUX
ADC
Bus
BAM
S
M
M
S
eQADC
NEXUS 1
Peripheral Bridge
Peripheral
Requests from
Interrupt
Request
Interrupt
Request
eDMA, FLASH, Bridge B,
crossbar, SRAM
Configuration
eTPU
I/O
Clocks
Serial
Analog IF
DMA
Requests
from
Peripheral
Blocks
M
Instructions
Data
S
Voltage
Regulator
(1.2V, 3.3V,
STB RAM)
NMI
SWT
PIT
critical
STM
NMI
SIU
eSCIs
2x
. . .
. . .
. . .
. . .
(INTC)
ADC
Decimation
Filter
CQM
Temp. Sensor
1.5 MB
Flash
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com