Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA8 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Pinout and signal description
Freescale Semiconductor
52
2.7
Signal Details
Table 5 contains details on the multiplexed signals that appear in Table 3, “MPC563xM signal properties.”
Table 5. Signal details
Signal
Module or Function
Description
CLKOUT
Clock Generation
MPC5634M clock output for the external/calibration bus interface
EXTAL
Clock Generation
Input pin for an external crystal oscillator or an external clock
source based on the value driven on the PLLREF pin at reset.
EXTCLK
Clock Generation
External clock input
PLLREF
Clock Generation
PLLREF is used to select whether the oscillator operates in xtal
mode or external reference mode from reset. PLLREF=0 selects
external reference mode.
XTAL
Clock Generation
Crystal oscillator input
SCK_B_LVDS-
SCK_B_LVDS+
DSPI
LVDS pair used for DSPI_B TSB mode transmission
SOUT_B_LVDS-
SOUT_B_LVDS+
DSPI
LVDS pair used for DSPI_B TSB mode transmission
SCK_C_LVDS-
SCK_C_LVDS+
DSPI
LVDS pair used for DSPI_C TSB mode transmission
SOUT_C_LVDS-
SOUT_C_LVDS+
DSPI
LVDS pair used for DSPI_C TSB mode transmission
PCS_B[0]
PCS_C[0]
DSPI_B - DSPI_C
Peripheral chip select when device is in master mode—slave
select when used in slave mode
PCS_B[1:5]
PCS_C[1:5]
DSPI_B - DSPI_C
Peripheral chip select when device is in master mode—not used
in slave mode
SCK_B
SCK_C
DSPI_B - DSPI_C
DSPI clock—output when device is in master mode; input when
in slave mode
SIN_B
SIN_C
DSPI_B - DSPI_C
DSPI data in
SOUT_B
SOUT_C
DSPI_B - DSPI_C
DSPI data out
CAL_ADDR[12:30]
Calibration Bus
The CAL_ADDR[12:30] signals specify the physical address of
the bus transaction.
CAL_CS[0:3]
Calibration Bus
CSx is asserted by the master to indicate that this transaction is
targeted for a particular memory bank on the Primary external
bus.
CAL_DATA[0:15]
Calibration Bus
The CAL_DATA[0:15] signals contain the data to be transferred
for the current transaction.
CAL_OE
Calibration Bus
OE is used to indicate when an external memory is permitted to
drive back read data. External memories must have their data
output buffers off when OE is negated. OE is only asserted for
chip-select accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com