Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA8 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
86
3.15
AC Specifications
3.15.1
Pad AC specifications
Table 30. Pad AC specifications (4.5 V)1,2
1 These are worst case values that are estimated from simulation and not tested. The values in the table are
simulated at fSYS = 80 MHz, VDD = 1.14 V to 1.32 V, VDDE = 1.62 V to 1.98 V, VDDEH = 4.5 V to 5.25 V, TA = TL to TH.
2 TBD: To Be Defined.
Name
C
Output Delay (ns)3,4
Low-to-High /
High-to-Low
Rise/Fall Edge (ns)4,5 Drive Load
(pF)
SRC/DSC
Min
Max
Min
Max
MSB,LSB
Medium6,7,8
CC
D
4.6/3.7
12/12
2.2/2.2
5.3/5.9
50
119
CC
D
13/10
32/32
9/9
22/22
200
N/A
1010
CC
D
12/13
28/34
5.6/6
12/15
50
01
CC
D
23/23
52/59
11/14
28/31
200
CC
D
69/71
152/165
34/35
70/74
50
00
CC
D
95/90
205/220
44/51
96/96
200
Slow8,11
CC
D
7.3/5.7
19/18
4.4/4.3
10/11
50
119
CC
D
24/19
58/58
17/15
40/42
200
N/A
1010
CC
D
26/27
61/69
13/13
30/34
50
01
CC
D
49/45
115/115
27/23
61/61
200
CC
D
137/142
320/330
72/74
156/164
50
00
CC
D
182/172
420/420
90/85
200/200
200
MultiV12
(High Swing Mode)
CC
D
4.1/3.6
10.3/8.9
3.28/2.98
7.49/7.02
50
119
CC
D
10.4/10.2
24.2/23.6
12.7/11.54
28.5/26.8
200
N/A
1010
CC
D
8.38/6.11
16/12.9
5.48/4.81
10.1/9.46
50
01
CC
D
15.9/13.6
31/28.5
14.6/13.1
30.5/28.7
200
CC
D
61.7/10.4
92.2/24.3
42.0/12.2
62.5/29.0
50
00
CC
D
85.5/37.3
132.6/78.
9
57.7/46.4
82.3/84.9
200
MultiV
(Low Swing Mode)
CC
D
2.31/2.34
7.62/6.33
1.26/1.67
7/7
30
119
Fast13
N/A
pad_i_hv14
CC
D
0.5/0.5
1.9/1.9
0.3/0.3
±1.5/1.5
0.5
N/A
pull_hv
CC
D
NA
6000
5000/5000
50
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com