Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA8 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 118 page
background image
2.6
Signal summary
t
Table 3. MPC563xM signal properties
Name
Function1
Pad
Config.
Register
(PCR)2
PCR
PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset
State5
Function /
State After
Reset6
Pin No.
144
LQFP
176
LQFP
208
MAPBGA
Dedicated GPIO
GPIO[98]
GPIO
PCR[98]
—
I/O
VDDEH7
Slow
- / Up
GPIO[98]/Up
—
1417
J158
GPIO[99]
GPIO
PCR[99]
—
I/O
VDDEH7
Slow
- / Up
GPIO[99]/Up
—
1427
H138
GPIO[206]9
GPIO
PCR[206]
—
I/O
VDDEH7
Slow
- / Up
GPIO[206]/Up
—
1437
R48
GPIO[207]9
GPIO
PCR[207]
—
I/O
VDDEH7
Slow
- / Up
GPIO[207]/Up
—
1447
P58
Reset / Configuration
RESET
External Reset Input
—
—
I
VDDEH6a
Slow
I / Up
RESET /
Up
80
97
L16
RSTOUT
External Reset Output
PCR[230]
—
O
VDDEH6a
Slow
RSTOUT/
Low
RSTOUT/
High
85
102
K15
PLLREF
IRQ[4]
ETRIG[2]
GPIO[208]
FMPLL Mode Selection
External Interrupt Request
eQADC Trigger Input
GPIO
PCR[208]
011
010
100
000
I
I
I
I/O
VDDEH6a
Slow
PLLREF /
Up
- / Up
68
83
M14
BOOTCFG1
IRQ[3]
ETRIG[3]
GPIO[212]
Boot Config. Input
External Interrupt Request
eQADC Trigger Input
GPIO
PCR[212]
011
010
100
000
I
I
I
I/O
VDDEH6a
Slow
BOOTCFG1
/ Down
- / Down
70
85
M15
WKPCFG
NMI
DSPI_B_SOUT
GPIO[213]
Weak Pull Config. Input
Non-Maskable Interrupt
DSPI_B Data Output
GPIO
PCR[213]
01
11
10
00
I
I
O
I/O
VDDEH6a
Slow
WKPCFG /
Up
- / Up
71
86
L15
Calibration10
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available
from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com