Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA8 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
70
3.7
Power up/down sequencing
There is no power sequencing required among power sources during power up and power down, in order to operate within
specification but use of the following sequence is strongly recommended when the internal regulator is bypassed:
5V
→ 3.3 V and 1.2 V
This is also the normal sequence when the internal regulator is enabled.
Although there are no power up/down sequencing requirements to prevent issues like latch-up, excessive current spikes, etc.,
the state of the I/O pins during power up/down varies according to table Table 17 for all pins with fast pads (pad_fc), and
Table 18 for all pins with medium (pad_msr_hv), slow (pad_ssr_hv) and multi-voltage (pad_multv_hv) pads.
3.8
DC electrical specifications
Table 17. Power sequence pin states for fast pads
VDDE
VRC33
VDD
Fast (pad_fc)
LOW
X
X
LOW
VDDE
LOW
X
HIGH
VDDE
VRC33
LOW
HIGH IMPEDANCE
VDDE
VRC33
VDD
FUNCTIONAL
Table 18. Power sequence pin states for medium, slow and multi-voltage pads
VDDEH
VDD
Medium (pad_msr_hv)
Slow (pad_ssr_hv)
Multi-voltage (pad_multv_hv)
LOW
X
LOW
VDDEH
LOW
HIGH IMPEDANCE
VDDEH
VDD
FUNCTIONAL
Table 19. DC electrical specifications1
Symbol
C
Parameter
Conditions
Value2
Unit
min
typ
max
VDD
SR
—
Core supply voltage
—
1.14
—
1.32
V
VDDE
SR
—
I/O supply voltage
—
1.62
—
3.6
V
VDDEH
SR
—
I/O supply voltage
—
3.0
—
5.25
V
VRC33
SR
—
3.3 V regulated
voltage3
—3.0
—
3.6
V
VDDA
SR
—
Analog supply
voltage
—4.754
—5.25
V
VINDC
SR
—
Analog input
voltage5
—VSSA–0.3
—
VDDA+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com