Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA8 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
90
3.16
AC timing
3.16.1
IEEE 1149.1 interface timing
Table 33. JTAG pin AC electrical characteristics1
1 JTAG timing specified at V
DD = 1.14 V to 1.32 V, VDDEH = 4.5 V to 5.25 V with multi-voltage pads programmed to
Low-Swing mode, TA = TL to TH, and CL = 30 pF with DSC = 0b10, SRC = 0b00. These specifications apply to JTAG
boundary scan only. See Table 34 for functional specifications.
#
Symbol
C
Characteristic
Min.
Value
Max.
Value
Unit
1tJCYC
CC
D
TCK Cycle Time
100
—
ns
2tJDC
CC
D
TCK Clock Pulse Width
40
60
ns
3tTCKRISE
CC
D
TCK Rise and Fall Times (40% – 70%)
—
3
ns
4tTMSS, tTDIS
CC
D
TMS, TDI Data Setup Time
5
—
ns
5tTMSH, tTDIH
CC
D
TMS, TDI Data Hold Time
25
—
ns
6tTDOV
CC
D
TCK Low to TDO Data Valid
—23
ns
7tTDOI
CC
D
TCK Low to TDO Data Invalid
0
—
ns
8tTDOHZ
CC
D
TCK Low to TDO High Impedance
—
20
ns
9tJCMPPW
CC
D
JCOMP Assertion Time
100
—
ns
10
tJCMPS
CC
D
JCOMP Setup Time to TCK Low
40
—
ns
11
tBSDV
CC
D
TCK Falling Edge to Output Valid
—
50
ns
12
tBSDVZ
CC
D
TCK Falling Edge to Output Valid out of High
Impedance
—50
ns
13
tBSDHZ
CC
D
TCK Falling Edge to Output High Impedance
—
50
ns
14
tBSDST
CC
D
Boundary Scan Input Valid to TCK Rising
Edge
50
—
ns
15
tBSDHT
CC
D
TCK Rising Edge to Boundary Scan Input
Invalid
50
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com