Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA8 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
78
3.9.1
I/O pad VRC33 current specifications
The power consumption of the VRC33 supply is dependent on the usage of the pins on all I/O segments. The power
consumption is the sum of all output pin VRC33 currents for all I/O segments. The output pin VRC33 current can be calculated
from Table 21 based on the voltage, frequency, and load on all medium, slow, and multv_hv pins. The output pin VRC33 current
can be calculated from Table 22 based on the voltage, frequency, and load on all fast pins. Use linear scaling to calculate pin
currents for voltage, frequency, and load parameters that fall outside the values given in Table 21 and Table 22.
MultiV
(High
Swing
Mode)
IDRV_MULTV_
HV
CC
D
15
50
5.25
11
TBD
–
CC
D
30
50
5.25
10
TBD
–
CC
D
50
50
5.25
01
TBD
–
CC
D
300
50
5.25
00
TBD
–
CC
D
300
200
5.25
00
TBD
–
MultiV
(Low
Swing
Mode)
IDRV_MULTV_
HV
CC
D
15
30
5.25
11
TBD
–
CC
D
30
30
5.25
11
NA
–
1 Numbers from simulations at best case process, 150 °C.
2 All loads are lumped.
3 Average current is for pad configured as output only.
Table 21. I/O pad VRC33 average IDDE specifications
1
Pad Type
Symbol
C
Period
(ns)
Load2
(pF)
Slew Rate
Select
IDD33 Avg
(µA)
IDD33 RMS
(µA)
Slow
IDRV_SSR_HV
CC
D
100
50
11
0.8
235.7
CC
D
200
50
01
0.04
87.4
CC
D
800
50
00
0.06
47.4
CC
D
800
200
00
0.009
47
Medium
IDRV_MSR_HV
CC
D
40
50
11
TBD
TBD
CC
D
100
50
01
0.11
76.5
CC
D
500
50
00
0.02
56.2
CC
D
500
200
00
0.01
56.2
Table 20. I/O pad average IDDE specifications
1 (continued)
Pad
Type
Symbol
C
Period
(ns)
Load2
(pF)
VDDE
(V)
Drive/Slew
Rate Select
IDDE Avg
(mA)3
IDDE
RMS
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com