Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA8 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
67
5b
—
CC
C Nominal 3.3 V supply
internal regulator DC output
voltage variation power-on
reset
Vdd33 – 7.
5%
Vdd33
Vdd33 + 7
%
V
With internal
load up
to Idd3p3
5c
—
CC
C Voltage regulator 3.3 V
output impedance at
maximum DC load
——
2
Ω
5d
Idd3p3
CC
C Voltage regulator 3.3 V
maximum DC output
current
80
—
—
mA
5e
Vdd33 ILim CC
C Voltage regulator 3.3 V DC
current limit
—130
—
mA
6
Lvi3p3
CC
C Nominal LVI for rising 3.3 V
supply
—
3.090
—
V
The Lvi3p3
specs are also
valid for the
Vddeh LVI
6a
—
CC
C Variation of LVI for rising
3.3 V supply at power-on
reset
Lvi3p3–6%
Lvi3p3
Lvi3p3+6% V
See note 6
6b
—
CC
C Variation of LVI for rising
3.3 V supply after power-on
reset
Lvi3p3–3%
Lvi3p3
Lvi3p3+3% V
See note 6
6c
—
CC
C Trimming step LVI 3.3 V
—
20
—
mV
6d
Lvi3p3_h
CC
C LVI 3.3 V hysteresis
—
60
—
mV
7
Por3.3V_r
CC
C Nominal POR for rising
3.3 V supply
—
1.96
—
V
The 3.3V POR
specs
are also valid
for the
Vddeh POR
7a
—
CC
C Variation of POR for rising
3.3 V supply
Por3.3V_r–
35%
Por3.3V_r Por3.3V_r+
35%
V
7b
Por3.3V_f
CC
C Nominal POR for falling
3.3 V supply
—1.76
—
V
7c
—
CC
C Variation of POR for falling
3.3 V supply
Por3.3V_f–
35%
Por3.3V_f Por3.3V_f+
35%
V
8
Lvi5p0
CC
C Nominal LVI for rising 5 V
VDDREG supply
—
4.290
—
V
8a
—
CC
C Variation of LVI for rising 5 V
VDDREG supply at
power-on reset
Lvi5p0–6%
Lvi5p0
Lvi5p0+6% V
8b
—
CC
C Variation of LVI for rising 5 V
VDDREG supply power-on
reset
Lvi5p0–3%
Lvi5p0
Lvi5p0+3% V
8c
—
CC
C Trimming step LVI 5 V
—
20
—
mV
Table 15. PMC electrical characteristics (continued)
ID
Name
C
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com