Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA8 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
57
,
3
Electrical characteristics
This section contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing
specifications for the MPC5634M series of MCUs.
The electrical specifications are preliminary and are from previous designs, design simulations, or initial evaluation. These
specifications may not be fully tested or guaranteed at this early stage of the product life cycle, however for production silicon
these specifications will be met. Finalized specifications will be published after complete characterization and device
qualifications have been completed.
In the tables where the device logic provides signals with their respective timing characteristics, the symbol “CC” for Controller
Characteristics is included in the Symbol column.
In the tables where the external system must provide signals with their respective timing characteristics to the device, the symbol
“SR” for System Requirement is included in the Symbol column.
3.1
Parameter classification
The electrical parameters shown in this document are guaranteed by various methods. To provide a better understanding, the
classifications listed in Table 7 are used and the parameters are tagged accordingly in the tables. Note that only controller
characteristics (“CC”) are classified. System requirements (“SR”) are operating conditions that must be provided to ensure
normal device operation.
NOTE
The classification is shown in the column labeled “C” in the parameter tables where
appropriate.
VDDPLL
1.2 V
—
VSTBY
1V, 2V–5V
—
VSS
—
—
VSSA0
—
VRL
Table 7. Parameter classifications
Classification tag
Tag description
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically
relevant sample size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from typical
devices under typical conditions unless otherwise noted. All values shown in the typical column
are within this category.
D
Those parameters are derived mainly from simulations.
Table 6. Power/ground segmentation
Power Segment
Voltage
I/O Pins Powered by Segment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com