Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA8 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA8 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA8 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5633MF0MMGA8 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
59
TJ
SR
Maximum operating
temperature range15 – die
junction temperature
– 40.0
150.0
oC
TSTG
SR
Storage temperature
range
– 55.0
150.0
oC
TSDR
SR
Maximum solder
temperature16
—
260.0
oC
MSL
SR
Moisture sensitivity level17
—3
—
1 Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect
device reliability or cause permanent damage to the device.
2 TBD: To Be Defined.
3 Allowed 2 V for 10 hours cumulative time, remaining time at 1.2 V +10%.
4 The V
FLASH supply is connected to VRC33 in the package substrate. This specification applies to calibration package
devices only.
5 Allowed 5.3 V for 10 hours cumulative time, remaining time at 3.3 V +10%.
6 Allowed 6.8 V for 10 hours cumulative time, remaining time at 5 V +10%.
7 The pin named as V
RC33 is internally connected to the pads VFLASH and VRC33 in the 144 LQFP package. These
limits apply when the internal regulator is disabled and VRC33 power is supplied externally.
8 All functional non-supply I/O pins are clamped to V
SS and VDDE, or VDDEH.
9 AC signal overshoot and undershoot of up to 2.0 V of the input voltages is permitted for an accumulative duration of
60 hours over the complete lifetime of the device (injection current not limited for this duration).
10 Internal structures hold the voltage greater than –1.0 V if the injection current limit of 2 mA is met.
11 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V
DDEH supplies, if
the maximum injection current specification is met (2 mA for all pins) and VDDEH is within the operating voltage
specifications.
12 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V
DDE supplies, if the
maximum injection current specification is met (2 mA for all pins) and VDDE is within the operating voltage
specifications.
13 Total injection current for all pins (including both digital and analog) must not exceed 25 mA.
14 Total injection current for all analog input pins must not exceed 15 mA.
15 Lifetime operation at these specification limits is not guaranteed.
16 Solder profile per CDF-AEC-Q100.
17 Moisture sensitivity per JEDEC test method A112.
Table 8. Absolute maximum ratings1 (continued)
Symbol
Parameter
Conditions
Value2
Unit
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com