Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLLR Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLLR Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC5705CEVLLR Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
21
3.6.3
I/O output DC characteristics
The following tables provide DC characteristics for bidirectional pads:
•
Table 13 provides weak pull figures. Both pull-up and pull-down resistances are supported.
•
Table 15 provides output driver characteristics for I/O pads when in SLOW configuration.
•
Table 16 provides output driver characteristics for I/O pads when in MEDIUM configuration.
•
Table 14 provides output driver characteristics for I/O pads when in FAST configuration.
Table 13. I/O pull-up/pull-down DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
|IWPU|
CC
P
Weak
pull-up
current
absolute
value
VIN = VIL,
VDD =
5.0 V ±
10%
PAD3V5V
= 0
10
—
150
µA
CPAD3V5V
= 12
2 The configuration PAD3V5 = 1 when V
DD = 5 V is only a transient configuration during power-up. All pads but
RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
10
—
250
PVIN = VIL,
VDD =
3.3 V ±
10%
PAD3V5V
= 1
10
—
150
|IWPD|
CC
P
Weak
pull-down
current
absolute
value
VIN = VIH,
VDD =
5.0 V ±
10%
PAD3V5V
= 0
10
—
150
µA
CPAD3V5V
= 1
10
—
250
PVIN = VIH,
VDD =
3.3 V ±
10%
PAD3V5V
= 1
10
—
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com