Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLLR Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLLR Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC5705CEVLLR Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
48
3.14
FMPLL electrical characteristics
The device provides a frequency modulated phase locked loop (FMPLL) module to generate a fast system clock from the main
oscillator driver.
3.15
Fast internal RC oscillator (16 MHz) electrical characteristics
The device provides a 16 MHz main internal RC oscillator. This is used as the default clock at the power-up of the device.
Table 34. FMPLL electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
fPLLIN
SR — FMPLL reference clock3
3 PLLIN clock retrieved directly from FXOSC clock. Input characteristics are granted when oscillator is used in
functional mode. When bypass mode is used, oscillator input clock should verify fPLLIN and ΔPLLIN.
—4
—
64
MHz
Δ
PLLIN
SR — FMPLL reference clock duty
cycle3
—40
—
60
%
fPLLOUT CC P FMPLL output clock frequency
—
16
—
64
MHz
fCPU
SR — System clock frequency
—
—
—
644
4 f
CPU 64 MHz can be achieved only at up to 105 °C
MHz
fFREE
CC P Free-running frequency
—
20
—
150
MHz
tLOCK
CC P FMPLL lock time
Stable oscillator (fPLLIN = 16 MHz)
40
100
µs
Δt
LTJIT
CC — FMPLL long term jitter
fPLLIN = 16 MHz (resonator),
fPLLCLK @ 64 MHz, 4000 cycles
—
—
10
ns
IPLL
CC C FMPLL consumption
TA = 25 °C
—
—
4
mA
Table 35. Fast internal RC oscillator (16 MHz) electrical characteristics
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
fFIRC
CC P Fast internal RC oscillator high
frequency
TA = 25 °C, trimmed
—
16
—
MHz
SR —
—
12
20
IFIRCRUN
3,
CC T Fast internal RC oscillator high
frequency current in running
mode
TA = 25 °C, trimmed
—
—
200
µA
IFIRCPWD CC D Fast internal RC oscillator high
frequency current in power
down mode
TA = 25 °C
—
TBD
10
µA
—TA = 55 °C
—
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com