Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLLR Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLLR Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5705CEVLLR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
12
The DC electrical characteristics are dependent on the PAD3V5V bit value.
3.2.2
NVUSRO[OSCILLATOR_MARGIN] field description
Table 5 shows how NVUSRO[OSCILLATOR_MARGIN] controls the device configuration.
The main external crystal oscillator consumption is dependent on the OSCILLATOR_MARGIN bit value.
3.2.3
NVUSRO[WATCHDOG_EN] field description
Table 5 shows how NVUSRO[WATCHDOG_EN] controls the device configuration.
Table 4. PAD3V5V field description1
1 See the device reference manual for more information on the NVUSRO register.
Value2
2 '1' is delivery value. It is part of shadow Flash, thus programmable by customer.
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V
Table 5. OSCILLATOR_MARGIN field description1
1 See the device reference manual for more information on the NVUSRO register.
Value2
2 '1' is delivery value. It is part of shadow Flash, thus programmable by customer.
Description
0
Low consumption configuration (4 MHz/8 MHz)
1
High margin configuration (4 MHz/16 MHz)
Table 6. WATCHDOG_EN field description1
1 See the device reference manual for more information on the NVUSRO register.
Value2
2 '1' is delivery value. It is part of shadow Flash, thus programmable by customer.
Description
0
Disable after reset
1
Enable after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com