Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLLR Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLLR Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5705CEVLLR Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
General description
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
General description
The MPC5607B is a new family of next generation microcontrollers built on the Power Architecture™ embedded category.
This document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the device.
The MPC5607B family of 32-bit microcontrollers is the latest achievement in integrated automotive application controllers. It
belongs to an expanding family of automotive-focused products designed to address the next wave of body electronics
applications within the vehicle. The advanced and cost-efficient host processor core of the MPC5607B automotive controller
family complies with the Power Architecture embedded category and only implements the VLE (variable-length encoding)
APU (Auxillary Processor Unit), providing improved code density. It operates at speeds of up to 64 MHz and offers high
performance processing optimized for low power consumption. It capitalizes on the available development infrastructure of
current Power Architecture devices and is supported with software drivers, operating systems and configuration code to assist
with users implementations.
Table 1. MPC5607B Family Comparison1
Feature
MPC5605B
MPC5606B
MPC5607B
Package
100
LQFP
144
LQFP
176
LQFP
144
LQFP
176
LQFP
176
LQFP
208 MAP
BGA2
CPU
e200z0h
Execution speed3
Up to 64 MHz
Code Flash
768 KB
1 MB
1.5 MB
Data Flash
64 (4 x 16) Kbyte
RAM
64 KB
80 KB
96 KB
MPU
8-entry
DMA
16 ch
10-bit ADC
Yes
dedicated4
7ch
15ch
29 ch
15ch
29ch
shared with 12-bit ADC
19 ch
12-bit ADC
Yes
dedicated5
5 ch
shared with 10-bit ADC
19 ch
Total timer I/O6
eMIOS
37 ch,
16-bit
64 ch,
16-bit
Counter / OPWM / ICOC7
10 ch
O(I)PWM / OPWFMB /
OPWMCB / ICOC8
7ch
O(I)PWM / ICOC9
7ch
14ch
OPWM / ICOC10
13 ch
33 ch
SCI (LINFlex)
46868
10
SPI (DSPI)
3565
6
CAN (FlexCAN)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com