Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLLR Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLLR Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC5705CEVLLR Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
19
•
Fast pads - provide maximum speed. These are used for improved Nexus debugging capability.
•
Input only pads - are associated with ADC channels and 32 kHz low power external crystal oscillator providing low
input leakage.
Medium and Fast pads can use slow configuration to reduce electromagnetic emission, at the cost of reducing AC performance.
3.6.2
I/O input DC characteristics
Table 12 provides input DC electrical characteristics as described in Figure 5.
Figure 5. I/O input DC electrical characteristics definition
Table 12. I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
VIH
SR P Input high level CMOS (Schmitt
Trigger)
—0.65VDD
—VDD+0.4
V
VIL
SR P Input low level CMOS (Schmitt
Trigger)
—
−0.4
—
0.35VDD
VHYS CC C Input hysteresis CMOS (Schmitt
Trigger)
—0.1VDD
——
VIL
VIN
VIH
PDIx = ‘1
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com