Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLLR Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLLR Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC5705CEVLLR Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
49
3.16
Slow internal RC oscillator (128 kHz) electrical characteristics
The device provides a 128 kHz low power internal RC oscillator. This can be used as the reference clock for the RTC module.
IFIRCSTOP CC T Fast internal RC oscillator high
frequency and system clock
current in stop mode
TA = 25 °C sysclk = off
—
500
—
µA
sysclk = 2 MHz
—
600
—
sysclk = 4 MHz
—
700
—
sysclk = 8 MHz
—
900
—
sysclk = 16 MHz
—
1250
—
TFIRCSU
CC C Fast internal RC oscillator
start-up time
TA = 55 °C VDD = 5.0 V ± 10%
—
1.1
2.0
µs
—VDD = 3.3 V ± 10%
—
1.2
TBD
—TA = 125 °C VDD = 5.0 V ± 10%
—
—
2.0
—VDD = 3.3 V ± 10%
—
—
TBD
Δ
FIRCPRE
CC C Fast internal RC oscillator
precision after software
trimming of fFIRC
TA = 25 °C
−1—
+1
%
Δ
FIRCTRIM
CC C Fast internal RC oscillator
trimming step
TA = 25 °C
—
1.6
%
Δ
FIRCVAR
CC C Fast internal RC oscillator
variation over temperature and
supply with respect to fFIRC at
TA = 25 °C in high-frequency
configuration
—
−5—
+5
%
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 All values need to be confirmed during device validation.
3 This does not include consumption linked to clock tree toggling and peripherals consumption when RC oscillator is
ON.
Table 36. Slow internal RC oscillator (128 kHz) electrical characteristics
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
fSIRC
CC P Slow internal RC oscillator low
frequency
TA = 25 °C, trimmed
—
128
—
kHz
SR —
—
100
—
150
ISIRC
3,
CC C Slow internal RC oscillator low
frequency current
TA = 25 °C, trimmed
—
—
5
µA
Table 35. Fast internal RC oscillator (16 MHz) electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com