Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLLR Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLLR Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC5705CEVLLR Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
18
3.5.3
Power considerations
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using Equation 1:
TJ = TA + (PD x RθJA)
Eqn. 1
Where:
TA is the ambient temperature in °C.
RθJA is the package junction-to-ambient thermal resistance, in °C/W.
PD is the sum of PINT and PI/O (PD = PINT + PI/O).
PINT is the product of IDD and VDD, expressed in watts. This is the chip internal power.
PI/O represents the power dissipation on input and output pins; user determined.
Most of the time for the applications, PI/O< PINT and may be neglected. On the other hand, PI/O may be significant, if the device
is configured to continuously drive external modules and/or memories.
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K / (TJ + 273 °C)
Eqn. 2
Therefore, solving equations 1 and 2:
K = PD x (TA + 273 °C) + RθJA x PD
2
Eqn. 3
Where:
K is a constant for the particular part, which may be determined from Equation 3 by measuring PD (at equilibrium)
for a known TA. Using this value of K, the values of PD and TJ may be obtained by solving equations 1 and 2
iteratively for any value of TA.
3.6
I/O pad electrical characteristics
3.6.1
I/O pad types
The device provides four main I/O pad types depending on the associated alternate functions:
•
Slow pads - are the most common pads, providing a good compromise between transition time and low
electromagnetic emission.
•
Medium pads - provide transition fast enough for the serial communication channels with controlled current to reduce
electromagnetic emission.
Table 11. 208 MAPBGA thermal characteristics1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions
Value
Unit
RθJA
CC
—
Thermal
resistance,
junction-to-am
bient natural
convection2
2 Junction-to-ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package. When Greek letters are not available, the symbols are typed as RthJA
and RthJMA.
Single-layer
board—1s
TBD
°C/W
Four-layer
board—2s2p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com