Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLLR Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLLR Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5705CEVLLR Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
24
3.6.5
I/O pad current specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is associated to a VDD/VSS supply pair as
described in Table 16.
Table 17 provides I/O consumption figures.
In order to ensure device reliability, the average current of the I/O on a single segment should remain below the IAVGSEG
maximum value.
In order to ensure device functionality, the sum of the dynamic and static current of the I/O on a single segment should remain
below the IDYNSEG maximum value.
Ttr
CC
D
Output
transition
time output
pin3
FAST
configurati
on
CL =
25 pF
VDD =
5.0 V ±
10%,
PAD3V5V
= 0
——
4
ns
CL =
50 pF
——
6
CL =
100 pF
——
12
CL =
25 pF
VDD =
3.3 V ±
10%,
PAD3V5V
= 1
——
4
CL =
50 pF
——
7
CL =
100 pF
——
12
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
2 All values need to be confirmed during device validation.
3 C
L includes device and package capacitances (CPKG < 5 pF).
Table 16. I/O supply segments
Package
Supply segment
12345
678
208
MAPBGA1
1 208 MAPBGA available only as development package for Nexus2+
Equivalent to 176 LQFP segment pad distribution
MCKO
MDOn
/MSEO
176 LQFP pin7
– pin27
pin28
–
pin57
pin59
–
pin85
pin86
–
pin123
pin124
–
pin150
pin151
–
pin6
144 LQFP
pin20
–
pin49
pin51
–
pin99
pin100
–
pin122
pin 123
–
pin19
—
—
—
—
100 LQFP
pin16
–
pin35
pin37
–
pin69
pin70
–
pin83
pin84
–
pin15
—
—
—
—
Table 15. Output pin transition times (continued)
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com