Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLLR Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLLR Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5705CEVLLR Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
57
tADC0_S
CC
T
Sample
time5
fADC = 32 MHz,
ADC0_conf_sample_i
nput = 17
0.5
—
µs
fADC = 6 MHz,
INPSAMP = 255
—42
tADC0_C
CC
P
Conversio
n time6
fADC = 32 MHz,
ADC_conf_comp = 2
0.625
—
µs
CS
CC
D
ADC0
input
sampling
capacitan
ce
——
—
3
pF
CP1
CC
D
ADC0
input pin
capacitan
ce 1
——
—
3
pF
CP2
CC
D
ADC0
input pin
capacitan
ce 2
——
—
1
pF
CP3
CC
D
ADC0
input pin
capacitan
ce 3
——
—
1
pF
RSW1
CC
D
Internal
resistance
of analog
source
——
—
3
k
Ω
RSW2
CC
D
Internal
resistance
of analog
source
—
—
—
2
k
Ω
RAD
CC
D
Internal
resistance
of analog
source
——
—
2
k
Ω
IINJ
SR
—
Input
current
Injection
Current
injection
on one
ADC0
input,
different
from the
converted
one
VDD =
3.3 V ±
10%
−5—
5
mA
VDD =
5.0 V ±
10%
−5
—
5
Table 38. ADC conversion characteristics (continued)(10-bit ADC0)
Symbol
C
Paramete
r
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com