Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLLR Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLLR Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC5705CEVLLR Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5705CEVLLR Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
30
3.8
Power management electrical characteristics
3.8.1
Voltage regulator electrical characteristics
The device implements an internal voltage regulator to generate the low voltage core supply VDD_LV from the high voltage
ballast supply VDD_BV. The regulator itself is supplied by the common I/O supply VDD. The following supplies are involved:
•
HV: High voltage external power supply for voltage regulator module. This must be provided externally through VDD
power pin.
•
BV: High voltage external power supply for internal ballast module. This must be provided externally through VDD_BV
power pin. Voltage values should be aligned with VDD.
•
LV: Low voltage internal power supply for core, FMPLL and Flash digital logic. This is generated by the internal
voltage regulator but provided outside to connect stability capacitor. It is further split into four main domains to ensure
noise isolation between critical LV modules within the device:
— LV_COR: Low voltage supply for the core. It is also `used to provide supply for FMPLL through double bonding.
— LV_CFLA: Low voltage supply for code Flash module. It is supplied with dedicated ballast and shorted to
LV_COR through double bonding.
— LV_DFLA: Low voltage supply for data Flash module. It is supplied with dedicated ballast and shorted to
LV_COR through double bonding.
— LV_PLL: Low voltage supply for FMPLL. It is shorted to LV_COR through double bonding.
Figure 8. Voltage regulator capacitance connection
The internal voltage regulator requires external capacitance (CREGn) to be connected to the device in order to provide a stable
low voltage digital supply to the device. Capacitances should be placed on the board as near as possible to the associated pins.
Care should also be taken to limit the serial inductance of the board to less than 5 nH.
DEVICE
VSS_LV
VDD_BV
VDD_LV
VSS_LV
VDD_LV
VDD
VSS_LV
VDD_LV
CREG2 (LV_COR/LV_CFLA)
CREG3 (LV_COR/LV_PLL)
CDEC2 (supply/IO decoupling)
DEVICE
VDD_BV
I
VDD_LVn
VREF
VDD
Voltage Regulator
VSS
VSS_LVn
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com