Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 231 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 231 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 227Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 228Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 229Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 230Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 231Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 232Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 233Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 234Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 235Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 356 page
background image
Chapter 13 Serial Communications Interface (S08SCIV4)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
231
13.1.1
Features
Features of SCI module include:
•
Full-duplex, standard non-return-to-zero (NRZ) format
•
Double-buffered transmitter and receiver with separate enables
•
Programmable baud rates (13-bit modulo divider)
•
Interrupt-driven or polled operation:
— Transmit data register empty and transmission complete
— Receive data register full
— Receive overrun, parity error, framing error, and noise error
— Idle receiver detect
— Active edge on receive pin
— Break detect supporting LIN
•
Hardware parity generation and checking
•
Programmable 8-bit or 9-bit character length
•
Receiver wakeup by idle-line or address-mark
•
Optional 13-bit break character generation / 11-bit break character detection
•
Selectable transmitter output polarity
13.1.2
Modes of Operation
See Section 13.3, “Functional Description,” For details concerning SCI operation in these modes:
•
8- and 9-bit data modes
•
Stop mode operation
•
Loop mode
•
Single-wire mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com