Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 267 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 267 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 263Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 264Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 265Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 266Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 267Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 268Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 269Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 270Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 271Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 356 page
background image
Chapter 15 Timer/PWM Module (S08TPMV3)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
267
When the TPM is configured for center-aligned PWM (and ELSnB:ELSnA not = 0:0), the data direction
for all channels in this TPM are overridden, the TPMxCHn pins are forced to be outputs controlled by the
TPM, and the ELSnA bits control the polarity of each TPMxCHn output. If ELSnB:ELSnA=1:0, the
corresponding TPMxCHn pin is cleared when the timer counter is counting up, and the channel value
register matches the timer counter; the TPMxCHn pin is set when the timer counter is counting down, and
the channel value register matches the timer counter. If ELSnA=1, the corresponding TPMxCHn pin is set
when the timer counter is counting up and the channel value register matches the timer counter; the
TPMxCHn pin is cleared when the timer counter is counting down and the channel value register matches
the timer counter.
Figure 15-5. High-True Pulse of a Center-Aligned PWM
Figure 15-6. Low-True Pulse of a Center-Aligned PWM
CHnF BIT
TOF BIT
...
78
76
5
4
321
0
12
34
56
78
76
5
...
TPMxMODH:TPMxMODL = 0x0008
TPMxCnVH:TPMxCnVL = 0x0005
TPMxCNTH:TPMxCNTL
TPMxCHn
CHnF BIT
TOF BIT
...
78
76
5
4
321
0
12
34
56
78
76
5
...
TPMxMODH:TPMxMODL = 0x0008
TPMxCnVH:TPMxCnVL = 0x0005
TPMxCNTH:TPMxCNTL
TPMxCHn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com