Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 269 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 269 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 265Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 266Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 267Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 268Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 269Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 270Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 271Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 272Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 273Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 356 page
background image
Chapter 15 Timer/PWM Module (S08TPMV3)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
269
15.3.2
TPM-Counter Registers (TPMxCNTH:TPMxCNTL)
The two read-only TPM counter registers contain the high and low bytes of the value in the TPM counter.
Reading either byte (TPMxCNTH or TPMxCNTL) latches the contents of both bytes into a buffer where
they remain latched until the other half is read. This allows coherent 16-bit reads in either big-endian or
little-endian order which makes this more friendly to various compiler implementations. The coherency
mechanism is automatically restarted by an MCU reset or any write to the timer status/control register
(TPMxSC).
Reset clears the TPM counter registers. Writing any value to TPMxCNTH or TPMxCNTL also clears the
TPM counter (TPMxCNTH:TPMxCNTL) and resets the coherency mechanism, regardless of the data
involved in the write.
Table 15-3. TPM-Clock-Source Selection
CLKSB:CLKSA
TPM Clock Source to Prescaler Input
00
No clock selected (TPM counter disable)
01
Bus rate clock
10
Fixed system clock
11
External source
Table 15-4. Prescale Factor Selection
PS2:PS1:PS0
TPM Clock Source Divided-by
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
76543210
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Any write to TPMxCNTH clears the 16-bit counter
Reset
00000000
Figure 15-8. TPM Counter Register High (TPMxCNTH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com