Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 272 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 272 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 268Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 269Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 270Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 271Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 272Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 273Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 274Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 275Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 276Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 356 page
background image
Chapter 15 Timer/PWM Module (S08TPMV3)
MC9S08DN60 Series Data Sheet, Rev 3
272
Freescale Semiconductor
15.3.5
TPM Channel Value Registers (TPMxCnVH:TPMxCnVL)
These read/write registers contain the captured TPM counter value of the input capture function or the
output compare value for the output compare or PWM functions. The channel registers are cleared by
reset.
4
MSnA
Mode select A for TPM channel n. When CPWMS=0 and MSnB=0, MSnA configures TPM channel n for
input-capture mode or output compare mode. Refer to Table 15-6 for a summary of channel mode and setup
controls.
Note: If the associated port pin is not stable for at least two bus clock cycles before changing to input capture
mode, it is possible to get an unexpected indication of an edge trigger.
3–2
ELSnB
ELSnA
Edge/level select bits. Depending upon the operating mode for the timer channel as set by CPWMS:MSnB:MSnA
and shown in Table 15-6, these bits select the polarity of the input edge that triggers an input capture event, select
the level that will be driven in response to an output compare match, or select the polarity of the PWM output.
Setting ELSnB:ELSnA to 0:0 configures the related timer pin as a general purpose I/O pin not related to any timer
functions. This function is typically used to temporarily disable an input capture channel or to make the timer pin
available as a general purpose I/O pin when the associated timer channel is set up as a software timer that does
not require the use of a pin.
Table 15-6. Mode, Edge, and Level Selection
CPWMS
MSnB:MSnA
ELSnB:ELSnA
Mode
Configuration
X
XX
00
Pin not used for TPM - revert to general
purpose I/O or other peripheral control
0
00
01
Input capture
Capture on rising edge
only
10
Capture on falling edge
only
11
Capture on rising or
falling edge
01
01
Output compare
Toggle output on
compare
10
Clear output on
compare
11
Set output on compare
1X
10
Edge-aligned
PWM
High-true pulses (clear
output on compare)
X1
Low-true pulses (set
output on compare)
1
XX
10
Center-aligned
PWM
High-true pulses (clear
output on compare-up)
X1
Low-true pulses (set
output on compare-up)
Table 15-5. TPMxCnSC Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com