Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 276 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 276 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 272Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 273Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 274Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 275Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 276Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 277Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 278Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 279Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 356 page
background image
Chapter 15 Timer/PWM Module (S08TPMV3)
MC9S08DN60 Series Data Sheet, Rev 3
276
Freescale Semiconductor
15.4.1.3
Counting Modes
The main timer counter has two counting modes. When center-aligned PWM is selected (CPWMS=1), the
counter operates in up/down counting mode. Otherwise, the counter operates as a simple up counter. As
an up counter, the timer counter counts from 0x0000 through its terminal count and then continues with
0x0000. The terminal count is 0xFFFF or a modulus value in TPMxMODH:TPMxMODL.
When center-aligned PWM operation is specified, the counter counts up from 0x0000 through its terminal
count and then down to 0x0000 where it changes back to up counting. Both 0x0000 and the terminal count
value are normal length counts (one timer clock period long). In this mode, the timer overflow flag (TOF)
becomes set at the end of the terminal-count period (as the count changes to the next lower count value).
15.4.1.4
Manual Counter Reset
The main timer counter can be manually reset at any time by writing any value to either half of
TPMxCNTH or TPMxCNTL. Resetting the counter in this manner also resets the coherency mechanism
in case only half of the counter was read before resetting the count.
15.4.2
Channel Mode Selection
Provided CPWMS=0, the MSnB and MSnA control bits in the channel n status and control registers
determine the basic mode of operation for the corresponding channel. Choices include input capture,
output compare, and edge-aligned PWM.
15.4.2.1
Input Capture Mode
With the input-capture function, the TPM can capture the time at which an external event occurs. When an
active edge occurs on the pin of an input-capture channel, the TPM latches the contents of the TPM counter
into the channel-value registers (TPMxCnVH:TPMxCnVL). Rising edges, falling edges, or any edge may
be chosen as the active edge that triggers an input capture.
In input capture mode, the TPMxCnVH and TPMxCnVL registers are read only.
When either half of the 16-bit capture register is read, the other half is latched into a buffer to support
coherent 16-bit accesses in big-endian or little-endian order. The coherency sequence can be manually
reset by writing to the channel status/control register (TPMxCnSC).
An input capture event sets a flag bit (CHnF) which may optionally generate a CPU interrupt request.
While in BDM, the input capture function works as configured by the user. When an external event occurs,
the TPM latches the contents of the TPM counter (which is frozen because of the BDM mode) into the
channel value registers and sets the flag bit.
15.4.2.2
Output Compare Mode
With the output-compare function, the TPM can generate timed pulses with programmable position,
polarity, duration, and frequency. When the counter reaches the value in the channel-value registers of an
output-compare channel, the TPM can set, clear, or toggle the channel pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com