Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 283 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 283 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 279Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 280Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 281Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 282Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 283Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 284Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 285Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 286Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 356 page
background image
Chapter 15 Timer/PWM Module (S08TPMV3)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
283
TPM counter changes from (TPMxMODH:L - 1) to (TPMxMODH:L). If the TPM counter is
a free-running counter, then this update is made when the TPM counter changes from $FFFE
to $FFFF. Instead, the TPM v2 makes this update after that the both bytes were written and
when the TPM counter changes from TPMxMODH:L to $0000.
— Center-Aligned PWM (Section 15.4.2.4, “Center-Aligned PWM Mode)
In this mode and if (CLKSB:CLKSA not = 00), the TPM v3 updates the TPMxCnVH:L
registers with the value of their write buffer after that the both bytes were written and when the
TPM counter changes from (TPMxMODH:L - 1) to (TPMxMODH:L). If the TPM counter is
a free-running counter, then this update is made when the TPM counter changes from $FFFE
to $FFFF. Instead, the TPM v2 makes this update after that the both bytes were written and
when the TPM counter changes from TPMxMODH:L to (TPMxMODH:L - 1).
5. Center-Aligned PWM (Section 15.4.2.4, “Center-Aligned PWM Mode)
— TPMxCnVH:L = TPMxMODH:L [SE110-TPM case 1]
In this case, the TPM v3 produces 100% duty cycle. Instead, the TPM v2 produces 0% duty
cycle.
— TPMxCnVH:L = (TPMxMODH:L - 1) [SE110-TPM case 2]
In this case, the TPM v3 produces almost 100% duty cycle. Instead, the TPM v2 produces 0%
duty cycle.
— TPMxCnVH:L is changed from 0x0000 to a non-zero value [SE110-TPM case 3 and 5]
In this case, the TPM v3 waits for the start of a new PWM period to begin using the new duty
cycle setting. Instead, the TPM v2 changes the channel output at the middle of the current
PWM period (when the count reaches 0x0000).
— TPMxCnVH:L is changed from a non-zero value to 0x0000 [SE110-TPM case 4]
In this case, the TPM v3 finishes the current PWM period using the old duty cycle setting.
Instead, the TPM v2 finishes the current PWM period using the new duty cycle setting.
6. Write to TPMxMODH:L registers in BDM mode (Section 15.3.3, “TPM Counter Modulo
Registers (TPMxMODH:TPMxMODL))
In the TPM v3 a write to TPMxSC register in BDM mode clears the write coherency mechanism
of TPMxMODH:L registers. Instead, in the TPM v2 this coherency mechanism is not cleared when
there is a write to TPMxSC register.
7. Update of EPWM signal when CLKSB:CLKSA = 00
In the TPM v3 if CLKSB:CLKSA = 00, then the EPWM signal in the channel output is not update
(it is frozen while CLKSB:CLKSA = 00). Instead, in the TPM v2 the EPWM signal is updated at
the next rising edge of bus clock after a write to TPMxCnSC register.
The Figure 0-1 and Figure 0-2 show when the EPWM signals generated by TPM v2 and TPM v3
after the reset (CLKSB:CLKSA = 00) and if there is a write to TPMxCnSC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com