Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
24
Freescale Semiconductor
Electrical Characteristics
4.1.6
xAUSB-OH-3 (OTG + 3 Host ports) Module and the Two USB PHY
(OTG and H1) Current Consumption
Table 9 shows the USB interface current consumption.
4.2
Power Supplies Requirements and Restrictions
The system design must comply with power-up sequence, power-down sequence and steady state
guidelines as described in this section to guarantee the reliable operation of the device. Any deviation from
these sequences may result in the following situations:
•
Excessive current during power-up phase
•
Prevention of the device from booting
•
Irreversible damage to the i.MX53xA processor (worst-case scenario)
4.2.1
Power-Up Sequence
The following observations should be considered:
• The consequent steps in power up sequence should not start before the previous step supplies
have been stabilized within 90-110% of their nominal voltage, unless stated otherwise.
Table 9. USB Interface Current Consumption
Parameter
Conditions
Typical @ 25 °C
Max
Unit
Analog Supply 3.3 V
USB_H1_VDDA33
USB_OTG_VDDA33
Full Speed
RX
5.5
6
mA
TX
7
8
High Speed
RX
5
6
TX
5
6
Analog Supply 2.5 V
USB_H1_VDDA25
USB_OTG_VDDA25
Full Speed
RX
6.5
7
mA
TX
6.5
7
High Speed
RX
12
13
TX
21
22
Digital Supply
VCC (1.2 V)
Full Speed
RX
8
—
mA
TX
8
—
High Speed
RX
8
—
TX
8
—
USB_H1_VDDA33 + USB_OTG_VDDA33 +
USB_H1_VDDA25 + USB_OTG_VDDA25 +
VCC
Suspend
——
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com