Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 32Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 33Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 34Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 35Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 36Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 37Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 38Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 39Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
36
Freescale Semiconductor
Electrical Characteristics
4.4.1
GPIO Output Buffer Impedance
Table 17 shows the GPIO output buffer impedance.
4.4.2
LPDDR2 I/O Output Buffer Impedance
The DDR2/LVDDR2 interface fully complies with JESD79-2E DDR2 JEDEC standard release April,
2008. The DDR3 interface fully complies with JESD79-3D DDR3 JEDEC standard release April, 2008.
4.4.3
xAUHVIO Output Buffer Impedance
Table 18 shows the UHVIO output buffer impedance.
4.4.4
LVDS I/O Output Buffer Impedance
The LVDS interface complies with TIA/EIA 644-A standard. See, TIA/EIA STANDARD 644-A,
“Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits” for details.
4.5
I/O AC Parameters
This section includes the AC parameters of the following I/O types:
•
General Purpose I/O (GPIO)
•
Double Data Rate 3 I/O (DDR3) for DDR2/LVDDR2, LPDDR2 and DDR3 modes
Table 17. GPIO Output Buffer Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OVDD 2.775 V
OVDD 1.875 V
Output Driver
Impedance
Rpu
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω
Max Drive Strength, Ztl = 37.5
Ω
80
40
27
20
104
52
35
26
150
75
51
38
250
125
83
62
Ω
Output Driver
Impedance
Rpd
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω
Max Drive Strength, Ztl = 37.5
Ω
64
32
21
16
88
44
30
22
134
66
44
34
243
122
81
61
Ω
Table 18. UHVIO Output Buffer Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OVDD
1.95 V
OVDD
3.0 V
OVDD
1.875 V
OVDD
3.3 V
OVDD
1.65 V
OVDD
3.6 V
Output Driver
Impedance
Rpu
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω
98
49
32
114
57
38
124
62
41
135
67
45
198
99
66
206
103
69
Ω
Output Driver
Impedance
Rpd
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω
97
49
32
118
59
40
126
63
42
154
77
51
179
89
60
217
109
72
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com