Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
25
• NVCC_SRTC_POW should remain powered ON continuously, to maintain internal real-time
clock status. Otherwise, it has to be powered ON together with VCC, or preceding VCC.
• The VCC should be powered ON together, or any time after NVCC_SRTC_POW.
• NVCC_CKIH should be powered ON after VCC is stable and before other IO supplies
(NVCC_xxx) are powered ON.
• IO Supplies (NVCC_xxx) below or equal to 2.8 V nom./3.1 V max. should not precede
NVCC_CKIH. They can start powering ON during NVCC_CKIH ramp-up, before it is
stabilized. Within this group, the supplies can be powered-up in any order.
• IO Supplies (NVCC_xxx) above 2.8 V nom./3.1 V max. should be powered ON only after
NVCC_CKIH is stable.
• In case VDD_DIG_PLL and VDD_ANA_PLL are powered ON from internal voltage regulator
(default case for i.MX53), there are no related restrictions on VDD_REG, as it is used as their
internal regulators power source.
If VDD_DIG_PLL and VDD_ANA_PLL are powered on externally, to reduce current leakage
during the power-up, it is recommended to activate the VDD_REG before or at the same time
with VDD_DIG_PLL and VDD_ANA_PLL. If this sequencing is not possible, make sure that
the 2.5 V VDD_REG supply shut-off output impedance is higher than 1 k
Ω when it is inactive.
• VDD_REG supply is required to be powered ON to enable DDR operation. It must be powered
on after VCC and before NVCC_EMI_DRAM. The sequence should be:
VCC
→VDD_REG →NVCC_EMI_DRAM
• VDDA and VDDAL1 can be powered ON anytime before POR_B, regardless of any other
power signal.
• VDDGP can be powered ON anytime before POR_B, regardless of any other power signal.
• VP and VPH can be powered up together, or anytime after, the VCC. VP and VPH should come
before POR.
• TVDAC_DHVDD and TVDAC_AHVDDRGB should be powered from the same regulator.
This is due to ESD diode protection circuit, that may cause current leakage if one of the supplies
is powered ON before the other.
NOTE
The POR_B input must be immediately asserted at power-up and remain
asserted until after the last power rail reaches its working voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com