Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8758CBGEFL/V Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8758CBGEFL/V
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758CBGEFL/V Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8758CBGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
WM8758B
Production Data
w
PD, Rev 4.4, January 2012
64
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Audio
Interface
Control
0
MONO
0
Selects between stereo and mono
device operation:
0 = Stereo device operation
1 = Mono device operation. Data
appears in ‘left’ phase of LRC.
1
ADCLRSWAP
0
Controls whether ADC data appears in
‘right’ or ‘left’ phases of LRC clock:
0 = ADC left data appear in ‘left’ phase
of LRC and right data in ‘right’ phase
1 = ADC left data appear in ‘right’ phase
of LRC and right data in ‘left’ phase
2
DACLRSWAP
0
Controls whether DAC data appears in
‘right’ or ‘left’ phases of LRC clock:
0 = DAC left data appear in ‘left’ phase
of LRC and right data in ‘right’ phase
1 = DAC left data appear in ‘right’ phase
of LRC and right data in ‘left’ phase
4:3
FMT
10
Audio interface Data Format Select:
00 = Right Justified
01 = Left Justified
10 = I
2S format
11 = DSP/PCM mode
6:5
WL
10
Word length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits (see note)
7
LRP
0
RJ, LJ & I
2S modes – LRC polarity
0 = normal LRC polarity
1 = invert LRC polarity
DSP Mode – mode A/B select
0 = MSB is available on 2
nd BCLK rising
edge after LRC rising edge (mode A)
1 = MSB is available on 1
st BCLK rising
edge after LRC rising edge (mode B)
8
BCP
0
BCLK polarity
0 = normal
1 = inverted
R5
0
LOOPBACK
0
Digital loopback function
0 = No loopback
1 = Loopback enabled, ADC data output
is fed directly into DAC data input.
Table 42 Audio Interface Control
Note:
Right Justified Mode will only operate with a maximum of 24 bits. If 32-bit mode is selected the
device will operate in 24-bit mode.
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised
below.
Register bit MS selects audio interface operation in master or slave mode. In Master mode BCLK and
LRC are outputs. The frequency of BCLK and LRC in master mode is controlled with BCLKDIV.
These are divided down versions of master clock. This may result in short BCLK pulses at the end of
a LRC if there is a non-integer ratio of BCLKs to LRC clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com