Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8758CBGEFL/V Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8758CBGEFL/V
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758CBGEFL/V Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8758CBGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
WM8758B
Production Data
w
PD, Rev 4.4, January 2012
70
The PLL performs best when f2 is around 90MHz. Its stability peaks at N=8. Some example settings
are shown below.
MCLK
(MHz)
(f1)
DESIRED
OUTPUT
(SYSCLK)
(MHz)
f2
(MHz)
R
N
K
N
REGISTER
R36[3:0]
K REGISTERS
R37
R38
R39
12
11.2889025 90.31122
1
2
7.525935 7h 86A3ACh 0111 (XX7h) 000100001 (021h) 101010001 (151h) 110101100 (1ACh)
12
12.288
98.304
1
2
8.192
8h 3126E8h 1000 (XX8h) 000001100 (00Ch) 010010011 (093h) 011101000 (0E8h)
13
11.29
90.3168
1
2
6.947446 6h F28BD4h 0110 (XX6h) 000111100 (03Ch) 101000101 (145h) 111010100 (1D4h)
13
12.288
98.304
1
2
7.561846 7h 8FD525h 0111 (XX7h) 000100011 (023h) 111101010 (1Eah) 100100101 (125h)
14.4
11.29
90.3168
1
2
6.272
6h 45A1Cah 0110 (XX6h) 000010001 (011h) 011010000 (0D0h) 111001010 (1Cah)
14.4
12.288
98.304
1
2
6.826667 6h D3A06Eh 0110 (XX6h) 000110100 (034h) 111010000 (1D0h) 001101110 (06Eh)
19.2
11.29
90.3168
2
2
9.408
9h
6872Afh 1001 (XX9h) 000011010 (01Ah) 000111001 (039h) 010101111 (0Afh)
19.2
12.288
98.304
2
2
10.24
Ah 3D70A3h 1010 (XXAh) 000001111 (00Fh) 010111000 (0B8h) 010100011 (0A3h)
19.68
11.29
90.3168
2
2
9.178537 9h 2DB492h 1001 (XX9h) 000001011 (00Bh) 011011010 (0Dah) 010010010 (092h)
19.68
12.288
98.304
2
2
9.990243 9h FD809Fh 1001 (XX9h) 000111111 (03Fh) 011000000 (0C0h) 010011111 (09Fh)
19.8
11.29
90.3168
2
2
9.122909 9h 1F76F7h 1001 (XX9h) 000000111 (007h) 110111011 (1BBh) 011110111 (0F7h)
19.8
12.288
98.304
2
2
9.929697 9h EE009Eh 1001 (XX9h) 000111011 (03Bh) 100000000 (100h) 010011110 (09Eh)
24
11.2889025 90.31122
2
2
7.525935 7h 86A3ACh 0111 (XX7h) 000100001 (021h) 101010001 (151h) 110101100 (1ACh)
24
12.288
98.304
2
2
8.192
8h 3126E8h 1000 (XX8h) 000001100 (00Ch) 010010011 (093h) 011101000 (0E8h)
26
11.29
90.3168
2
2
6.947446 6h F28BD4h 0110 (XX6h) 000111100 (03Ch) 101000101 (145h) 111010100 (1D4h)
26
12.288
98.304
2
2
7.561846 7h 8FD525h 0111 (XX7h) 000100011 (023h) 111101010 (1Eah) 100100101 (125h)
27
11.29
90.3168
2
2
6.690133 6h B0AC93h 0110 (XX6h) 000101100 (02Ch) 001010110 (056h) 010010011 (093h)
27
12.288
98.304
2
2
7.281778 7h 482296h 0111 (XX7h) 000010010 (012h) 000010001 (011h) 010010110 (096h)
Table 49 PLL Frequency Examples
GENERAL PURPOSE INPUT/OUTPUT
The WM8758B has three dual purpose input/output pins.
CSB/GPIO1: CSB / GPIO1 pin
L2/GPIO2: Left channel line input / headphone detection input
R2/GPIO3: Right channel line input / headphone detection input
The GPIO2 and GPIO3 functions are provided for use as jack detection inputs.
The GPIO1 and GPIO2 functions are provided for use as jack detection inputs or general purpose
outputs.
The default configuration for the CSB/GPIO1 is to be an input.
When setup as an input, the CSB/GPIO1 pin can either be used as CSB or for jack detection,
depending on how the MODE pin is set.
Table 50 illustrates the functionality of the GPIO1 pin when used as a general purpose output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com