Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8758CBGEFL/V Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8758CBGEFL/V
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758CBGEFL/V Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8758CBGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
Production Data
WM8758B
w
PD, Rev 4.4, January 2012
65
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
Clock
Generation
Control
0
MS
0
Sets the chip to be master over LRC and
BCLK
0 = BCLK and LRC clock are inputs
1 = BCLK and LRC clock are outputs
generated by the WM8758B (MASTER)
4:2
BCLKDIV
000
Configures the BCLK and LRC output
frequency, for use when the chip is
master over BCLK.
000 = divide by 1 (BCLK=SYSCLK)
001 = divide by 2 (BCLK=SYSCLK/2)
010 = divide by 4
011 = divide by 8
100 = divide by 16
101 = divide by 32
110 = reserved
111 = reserved
7:5
MCLKDIV
010
Sets the scaling for either the MCLK or
PLL clock output (under control of
CLKSEL)
000 = divide by 1
001 = divide by 1.5
010 = divide by 2
011 = divide by 3
100 = divide by 4
101 = divide by 6
110 = divide by 8
111 = divide by 12
8
CLKSEL
1
Controls the source of the clock for all
internal operation:
0 = MCLK
1 = PLL output
Table 43 Clock Control
The CLKSEL bit selects the internal source of the Master clock from the PLL (MCLK=1) or from
MCLK (MCLKSEL=0). When the internal clock is switched from one source to another using the
CLKSEL bit, the clock originally selected must generate at least one falling edge after CLKSEL has
changed for the switching of clocks to be successful.
EXAMPLE:
If the PLL is the current source of the internal clock (CLKSEL=1) and it is required to switch to the
MCLK, change CLKSEL to select MCLK (CLKSEL=0) and then disable PLL (PLLEN=0).
LOOPBACK
Setting the LOOPBACK register bit enables digital loopback. When this bit is set the output data
from the ADC audio interface is fed directly into the DAC data input.
COMPANDING
The WM8758B supports A-law and
-law companding on both transmit (ADC) and receive (DAC)
sides. Companding can be enabled on the DAC or ADC audio interfaces by writing the appropriate
value to the DAC_COMP or ADC_COMP register bits respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com