Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8758CBGEFL/V Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8758CBGEFL/V
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758CBGEFL/V Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8758CBGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
Production Data
WM8758B
w
PD, Rev 4.4, January 2012
75
POWER SUPPLIES
The WM8758B requires four separate power supplies:
AVDD1 and AGND1: Analogue supply, powers all internal analogue functions and
output drivers LOUT1, ROUT1, OUT3 and OUT4. AVDD1 must be between 2.5V and
3.6V and has the most significant impact on overall power consumption (except for
power consumed in the headphones). Higher AVDD will improve audio quality.
AVDD2 and AGND2: Output driver supplies, power LOUT2 and ROUT2. AVDD2 must
be between 2.5V and 3.6V. AVDD2 can be tied to AVDD1, but it requires separate
layout and decoupling capacitors to curb harmonic distortion.
DCVDD: Digital core supply, powers all digital functions except the audio and control
interfaces. DCVDD must be between 1.71V and 3.6V, and has no effect on audio
quality. The return path for DCVDD is DGND, which is shared with DBVDD.
DBVDD must be between 1.71V and 3.6V. DBVDD return path is through DGND.
It is possible to use the same supply voltage for all four supplies. However, digital and analogue
supplies should be routed and decoupled separately on the PCB to keep digital switching noise out of
the analogue signal paths.
POWER MANAGEMENT
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the ADC and DAC digital filters is in 64x oversampling mode. Under
the control of ADCOSR128 the oversampling rate may be doubled. 64x oversampling results in a
slight decrease in noise performance compared to 128x but lowers the power consumption of the
device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14
ADC control
3
ADCOSR128
0
ADC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
Table 53 ADC Oversampling Rate Selection
LOW POWER MODE
If only DAC or ADC functionality is required, the WM8758B can be put into a low power mode. In this
mode, the DSP core runs at half of the normal rate, reducing digital power consumption of the core
by half. For DAC low power only, 3D enhancement with 2-Band equalizer functionality is permitted,
where only Band 1 (low shelf) and Band 5 (high shelf) can be used. For ADC low power, the
equalizer and 3D cannot be used.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional Ctrl
8
M128ENB
0
0 = low power mode enabled
1 = low power mode disabled
Table 54 DSP Core Low Power Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com