Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8758CBGEFL/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8758CBGEFL/V
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758CBGEFL/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8758CBGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
WM8758B
Production Data
w
PD, Rev 4.4, January 2012
10
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=3.0V, DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to L/R Mix to Headphone (LOUT1/ROUT1, analogue volume controls set to 0dB)
Full-scale output
PGA gains set to 0dB
AVDD1/3.3
Vrms
Signal to Noise Ratio (Note 5,6)
SNR
A-weighted
100
dB
22Hz to 20kHz
95.5
dB
Total Harmonic Distortion
(Note 7)
THD
Po = 20mW
RL=16Ω
-75
dB
Po = 20mW
RL=32Ω
-79
dB
Total Harmonic Distortion + Noise
(Note 7)
THD+N
Po = 20mW
RL=16Ω
-75
dB
Po = 20mW
RL=32Ω
-79
dB
Channel Separation (Note 8)
1kHz signal
100
dB
Ground noise rejection
10mV, 20kHz noise on
HPCOM, HPCOM enabled
40
dB
DAC to L/R Mix to Headphone (LOUT2/ROUT2, analogue volume controls set to 0dB)
Full-scale output
PGA gains set to 0dB
AVDD1/3.3
Vrms
Signal to Noise Ratio (Note 5,6)
SNR
A-weighted
90
97
dB
22Hz to 20kHz
95.5
dB
Total Harmonic Distortion
(Note 7)
THD
Po = 20mW
RL=16Ω
-79
dB
Po = 20mW
RL=32Ω
-82
dB
Channel Separation (Note 8)
1kHz signal
100
dB
Ground noise rejection
10mV, 20kHz noise on
LCOM, LCOM enabled
40
dB
Bypass Paths to Output Mixers
Maximum PGA gain into mixer
+6
dB
Minimum PGA gain into mixer
-15
dB
PGA gain step into mixer
Guaranteed monotonic
3
dB
Mute attenuation
100
dB
Analogue Outputs (LOUT1, ROUT1, LOUT2, ROUT2)
Maximum Programmable Gain
+6
dB
Minimum Programmable Gain
-57
dB
Programmable Gain step size
Guaranteed monotonic
1
dB
Mute attenuation
1kHz, full scale signal
85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com