Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7X2S-J Datasheet(PDF) 3 Page - ITT Industries

Part # DAMMP7X2S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7X2S-J Datasheet(HTML) 3 Page - ITT Industries

  DAMMP7X2S-J Datasheet HTML 1Page - ITT Industries DAMMP7X2S-J Datasheet HTML 2Page - ITT Industries DAMMP7X2S-J Datasheet HTML 3Page - ITT Industries DAMMP7X2S-J Datasheet HTML 4Page - ITT Industries DAMMP7X2S-J Datasheet HTML 5Page - ITT Industries DAMMP7X2S-J Datasheet HTML 6Page - ITT Industries DAMMP7X2S-J Datasheet HTML 7Page - ITT Industries DAMMP7X2S-J Datasheet HTML 8Page - ITT Industries DAMMP7X2S-J Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
C
C-3
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
D Subminiature Selector Guide
Series
Wire Gauge Range
AWG
Mating Cycles
RoHS confirm
Layout
Operating Voltage
Current Rating
(Amps)
Contact Resistance
Operating Temperature
Mil Salt Spray Test
Resistance in hours
Shell Material
Shell Finish
Insulator
Contact Type
Contact Material
Contact Finish
Page Number
D*MAM
AWG 18 - 30
500
No
9, 15, 25, 37, 50,
15, 26, 44, 62, 78
(high density)
1700 VAC*
7,5 A max
10 milli Ohm max
(Signal Contacts)
-50°C/150°C
48 hours
Steel
RoHS - Tin/Nickel
Yellow chromate over
cadmium or zinc
Thermoplastic,
Type PCT UL 94V-0
Turned
Copper Alloy
1,27 µm gold
C-11
D- Subminiature
D*MM
AWG 18-30
500
No
9, 15, 25, 37, 50
1700 VAC*
7,5 A max
10 milli Ohm max
-50°C/150°C
48 hours
Steel
RoHS - Tin/Nickel
Yellow chromate over
cadmium or zinc
Thermoplastic,
PCT UL 94V-0
Turned
Copper Alloy
1,27 µm gold
C-18
D*D
AWG 20 - 24
500
No
9, 15, 25, 37, 50
1700 VAC
7,5 A max
10 milli Ohm max
-50°C/150°C
48 hours
Aluminum
Yellow chromate over
cadmium or zinc
Thermoplastic,
PCT UL 94V-0
Turned
Copper Alloy
1,27 µm gold
C-40
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com