Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7X2S-J Datasheet(PDF) 12 Page - ITT Industries

Part # DAMMP7X2S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7X2S-J Datasheet(HTML) 12 Page - ITT Industries

Back Button DAMMP7X2S-J Datasheet HTML 8Page - ITT Industries DAMMP7X2S-J Datasheet HTML 9Page - ITT Industries DAMMP7X2S-J Datasheet HTML 10Page - ITT Industries DAMMP7X2S-J Datasheet HTML 11Page - ITT Industries DAMMP7X2S-J Datasheet HTML 12Page - ITT Industries DAMMP7X2S-J Datasheet HTML 13Page - ITT Industries DAMMP7X2S-J Datasheet HTML 14Page - ITT Industries DAMMP7X2S-J Datasheet HTML 15Page - ITT Industries DAMMP7X2S-J Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
C
C-12
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon Crimp, Size 22
Military/High Reliability
D*MA High Density Crimp Contact Cable Connector
Note: For Residual Magnetism Level of 200 gamma, add B. Example DEMA15PNMB
For shells with 50 microinches gold, add K52. Example: DEMA15PNMBK52.
For connectors without contacts, add F0. Example: DEMA15PF0 (F0 not marked on
connector)
For crimp (Size 22) contacts and tooling, see page C-7.
Dimensions
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,317 (.0125) ± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (8,36)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Engaging Face
A
C
B
10°
E
D
Ø 3,05 (.120)
8,76 (.345) MAX
L
K
F
W
Receptacle
• For contact cavity arrangements, see pages C-44.
• For panel cutouts, see page C-49.
Note: For residual magnetism level of 200 Gamma and shells and contacts with
50 micro inches (1,27m) gold plating, add NMBK52. Example DEMA15SNMBK52
contacts and shells with 50 microinches gold. For connectors without contacts, add F0.
Example: DEMA15SF0 (F0 not marked on the connector). For crimp (Size 22) contacts
and tooling, see page C-13.
Dual
Shell Size
Layout
Through Hole
Float Mount
DE
15
DEMA15S
DEMAY15S
DA
26
DAMA26S
DAMAY26S
DB
44
DBMA44S
DBMAY44S
DC
62
DCMA62S
DCMAY62S
DD
78
DDMA78S
DDMAY78S
DF
104
DFMA104SF216
DFMA41045F216
Dimensions
Shell
A
B
C
D
E
F
W
W
K
K
L
size ± 0,38 (.015) ± 0,13 (.005) ± 0,13 (.005) ± 0,13 (.005) ± 0,38 (.015) ± 0,25 (.010) ± 0,368 (.0145) ± 0,41 (.016) ± 0,317 (.0125) ± 0,25 (.010) ± 0,25
(.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
-
1,206 (.0475)
-
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
-
1,206 (.0475)
-
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
-
6.84 (.269)
-
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
-
6.84 (.269)
-
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
-
6.84 (.269)
-
1,52 (.060)
0,99 (.039)
DF (see Space Catalog)
Engaging Face
A
C
B
10°
E
D
Ø 3,05 (.120)
8,76 (.345) MAX
F
W
L
K
Plug
• For contact cavity arrangements, see pages C-44.
• For panel cutouts, see page C-49.
Shell Size
Layout
Dual
Through Hole
Float Mount
DE
15
DEMA15P
DEMAY15P
DA
26
DAMA26P
DAMAY26P
DB
44
DBMA44P
DBMAY44P
DC
62
DCMA62P
DCMAY62P
DD
78
DDMA78P
DDMAY78P
DF
104
DFMA104PF216
DFMA4104PF216
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com