Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7X2S-J Datasheet(PDF) 33 Page - ITT Industries

Part # DAMMP7X2S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7X2S-J Datasheet(HTML) 33 Page - ITT Industries

Back Button DAMMP7X2S-J Datasheet HTML 29Page - ITT Industries DAMMP7X2S-J Datasheet HTML 30Page - ITT Industries DAMMP7X2S-J Datasheet HTML 31Page - ITT Industries DAMMP7X2S-J Datasheet HTML 32Page - ITT Industries DAMMP7X2S-J Datasheet HTML 33Page - ITT Industries DAMMP7X2S-J Datasheet HTML 34Page - ITT Industries DAMMP7X2S-J Datasheet HTML 35Page - ITT Industries DAMMP7X2S-J Datasheet HTML 36Page - ITT Industries DAMMP7X2S-J Datasheet HTML 37Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
C-33
Cannon Combo D® High Power 90° PCB Plug DE-DC
Military/High Reliability
40 A High power 90° PCB Plug, Sizes DE-DC, with metal bracket
Plug
• For contact cavity arrangements, see page C-43.
• For pcb hole pattern, see Combo D Catalog.
INDUSTRIAL – US
INDUSTRIAL – EU
MILITARY/HI-REL – US
NON-MAGNETIC/LOW OUTGASSING – US*
40 A High power inserted with
40 A High power inserted with
40 A High power inserted with
40 A High power inserted with
US footprint metal bracket
EU footprint metal bracket
US footprint metal bracket
US footprint metal bracket
and UNC 4-40 captive nut
and UNC 4-40 captive nut
and UNC 4-40 screw lock
and UNC 4-40 screw lock
Shell Layout P/N without
P/N with
P/N without
P/N with
P/N without
P/N with
P/N with
size
boardlock
boardlock
boardlock
boardlock
boardlock
boardlock
Gold Plating
DE
2W2
DEMP2H2P-JK87
DEMC2H2P-JK87
DEMP2P2P-VK87
DEMC2PK2P-VK87
DEMMP2H2P-J
DEMMC2H2P-J
DEM2H2P-JNMBK52
DE
2WK2
DEMP2HK2P-JK87
DEMC2HK2P-JK87
DEMP2PK2P-VK87
DEMC2PK2P-VK87
DEMMP2HK2P-J
DEMMC2HK2P-J
DEM2HK2P-JNMBK52
DE
5W1
DEMP5H1P-JK87
DEMC5H1P-JK87
DEMP5P1P-VK87
DEMC5P1P-VK87
DEMMP5H1P-J
DEMMC5H1P-J
DEM5H1P-JNMBK52
DA
7W2
DAMP7H2P-JK87
DAMC7H2P-JK87
DAMP7P2P-VK87
DAMC7P2P-VK87
DAMMP7H2P-J
DAMMC7H2P-J
DAM7H2P-JNMBK52
DA
11W1
DAMP11H1P-JK87
DAMC11H1P-JK87
DAMP11P1P-VK87
DAMC11P1P-VK87
DAMMP11H1P-J
DAMMC11H1P-J
DAM11H1P-JNMBK52
DA
3W3
DAMP3H3P-JK87
DAMC3H3P-JK87
DAMP3P3P-VK87
DAMC3P3P-VK87
DAMMP3H3P-J
DAMMC3H3P-J
DAM3H3P-JNMBK52
DA
3WK3
DAMP3HK3P-JK87
DAMC3HK3P-JK87
DAMP3PK3P-VK87
DAMC3PK3P-VK87
DAMMP3HK3P-J
DAMMC3HK3P-J
DAM3HK3P-JNMBK52
DB
5W5
DBMP5H5P-JK87
DBMC5H5P-JK87
DBMP5P5P-VK87
DBMC5P5P-VK87
DBMMP5H5P-J
DBMMC5H5P-J
DBM5H5P-JNMBK52
DB
9W4
DBMP9H4P-JK87
DBMC9H4P-JK87
DBMP9P4P-VK87
DBMC9P4P-VK87
DBMMP9H4P-J
DBMMC9H4P-J
DBM9H4P-JNMBK52
DB
13W3
DBMP13H3P-JK87
DBMC13H3P-JK87
DBMP13P3P-VK87
DBMC13P3P-VK87
DBMMP13H3P-J
DBMMC13H3P-J
DBM13H3P-JNMBK52
DB
17W2
DBMP17H2P-JK87
DBMC17H2P-JK87
DBMP17P2P-VK87
DBMC17P2P-VK87
DBMMP17H2P-J
DBMMC17H2P-J
DBM17H2P-JNMBK52
DB
21W1
DBMP21H1P-JK87
DBMC21H1P-JK87
DBMP21P1P-VK87
DBMC21P1P-VK87
DBMMP21H1P-J
DBMMC21H1P-J
DBM21H1P-JNMBK52
DC
8W8
DCMP8H8P-JK87
DCMC8H8P-JK87
DCMP8P8P-VK87
DCMC8P8P-VK87
DCMMP8H8P-J
DCMMC8H8P-J
DCM8H8P-JNMBK52
DC
13W6
DCMP13H6P-JK87
DCMC13H6P-JK87
DCMP13P6P-VK87
DCMC13P6P-VK87
DCMMP13H6P-J
DCMMC13H6P-J
DCM13H6P-JNMBK52
DC
17W5
DCMP17H5P-JK87
DCMC17H5P-JK87
DCMP17P5P-VK87
DCMC17P5P-VK87
DCMMP17H5P-J
DCMMC17H5P-J
DCM17H5P-JNMBK52
DC
21WA4
DCMP21HA4P-JK87
DCMC21HA4P-JK87
DCMP21PA4P-VK87
DCMC21PA4P-VK87
DCMMP21HA4P-J
DCMMC21HA4P-J
DCM21HA4P-JNMBK52
DC
25W3
DCMP25H3P-JK87
DCMP25H3P-VK87
DCMC25P3P-VK87
DCMC25P3P-JK87
DCMMP25H3P-J
DCMMC25H3P-J
DCM25H3P-JNMBK52
DC
27W2
DCMP27H2P-JK87
DCMC27H2P-JK87
DCMP27P2P-VK87
DCMC27P2P-VK87
DCMMP27H2P-J
DCMMC27H2P-J
DCM27H2P-JNMBK52
* Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D-; contact factory for more information
Shell
A
B
C
D
E
F
W
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,41 (.016)
± 0,25 (.010)
DE
30,81 (1.213)
16,92 (.665)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2,500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Dimensions
US version shown – for EU
version, please see Combo D
Catalog.
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com