Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMP7X2S-J Datasheet(PDF) 13 Page - ITT Industries

Part # DAMMP7X2S-J
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMP7X2S-J Datasheet(HTML) 13 Page - ITT Industries

Back Button DAMMP7X2S-J Datasheet HTML 9Page - ITT Industries DAMMP7X2S-J Datasheet HTML 10Page - ITT Industries DAMMP7X2S-J Datasheet HTML 11Page - ITT Industries DAMMP7X2S-J Datasheet HTML 12Page - ITT Industries DAMMP7X2S-J Datasheet HTML 13Page - ITT Industries DAMMP7X2S-J Datasheet HTML 14Page - ITT Industries DAMMP7X2S-J Datasheet HTML 15Page - ITT Industries DAMMP7X2S-J Datasheet HTML 16Page - ITT Industries DAMMP7X2S-J Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
C
C-13
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon Crimp Contacts D*MA/D*A Combo
Military/High Reliability
MATERIALS AND FINISHES
Contact
Wire Size
Standard Finish
Military Finish
NMB
Size
Accom.
Pin
Socket
Pin
Socket
Pin
Socket
20
20, 22, 24
330-5291-000
031-1007-073
980-0009-472
980-0009-471
330-5291-037
031-1007-052
20-18
1 #18 & 2 #22
330-5291-001
031-1007-001
330-5291-055
031-1007-054
330-5291-108
031-1007-091
20-26
26, 28, 30
330-5291-004
031-1007-004
330-5291-050
031-1007-048
330-5291-109
031-1007-053
22D
22, 24, 26, 28
980-0008-878
980-0008-874
980-0008-878
980-0008-874
030-2042-002
031-1147-002
CIET-20HD
Contact
Plastic Insertion/Extraction
Plastic Extraction
Size
AWG
Pin
Socket
Pin
Socket
20
20, 22, 24
980-2000-426
CIET-20HD
323-7010-000
CET-20-11
2026
26, 28, 30
980-2000-426
CIET-20HD
323-7010-000
CET-20-11
2018
1 #18
None
None
274-5016-002
CET-20-15
2 #22
None
None
274-5016-002
CET-20-15
22D
22, 24, 26, 28
274-7048-000
CIET-22D
None
None
High Power
12, 16
274-7003-000
CIET-12
None
None
High Volt
#20
274-7003-000
CIET-12
None
None
Contact
Wire Size
Crimp Tool
Locator
Size
AWG
Part Number
Description
Part Number
Description
20
20, 22, 24
995-0001-584
M22520/2-01
995-0001-604
M22520/2-08
995-0001-585
M22520/1-01
995-0001-244
TH25
2026
26, 28, 30
980-2000-426
M22520/2-01
995-0001-325
L3198-20HD
2018
1 #18, 2 #22
995-0001-584
M22520/2-01
980-0005-722
K250
22D
22, 24, 26, 28
995-0001-584
M22520/2-01
995-0001-739
M22520/2-06
MIL-C-39029 Cross-Reference
Contact
Wire Size
Cannon
Size
Accomm.
M39029
M24308
Part No.
20 Pin
20 / 22 / 24
/ 64-369
/ 11-1
980-0009-472
20 Socket
20 / 22 / 24
/ 63-368
/ 10-1
980-0009-471
22D Pin
24 / 26 / 28
/ 58-360
/ 13-1
980-0008-878
22D Socket
22 / 24 / 26 / 28
/ 57-354
/ 12-1
980-0008-874
Assembly insructions see page C-44.
For size 8 contacts, please refer to Combo D catalog or website.
C
AWG size
A ± 0,05
B ± 0,05
C max.
20 – 24
Pin
1,7 (0.067)
1,0 (0.039)
14,2 (0.559)
Socket
1,7 (0.067)
1,0 (0.039)
13,7 (0.539)
26 – 30
Pin
1,7 (0.067)
0,6 (0.039)
14,2 (0.559)
Socket
1,7 (0.067)
0,6 (0.039)
13,7 (0.539)
C
Hand Crimp Tools
Insertion/Extraction Tools
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com